Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB041B-RU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB041B-RU
Description  4-megabit 2.5-volt or 2.7-volt DataFlash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB041B-RU Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB041B-RU Datasheet HTML 1Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 2Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 3Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 4Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 5Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 6Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 7Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 8Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Features
• Single 2.5V - 3.6V or 2.7V - 3.6V Supply
• Serial Peripheral Interface (SPI) Compatible
• 20 MHz Max Clock Frequency
• Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 2048 Pages (264 Bytes/Page) Main Memory
• Supports Page and Block Erase Operations
• Two 264-byte SRAM Data Buffers – Allows Receiving of Data
while Reprogramming the Flash Memory Array
• Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
• Low Power Dissipation
– 4 mA Active Read Current Typical
– 2 µA CMOS Standby Current Typical
• Hardware Data Protection Feature
• 5.0V-tolerant Inputs: SI, SCK, CS, RESET, and WP Pins
• Commercial and Industrial Temperature Ranges
• Green (Pb/Halide-free/RoHS Compliant) Package Options
1.
Description
The AT45DB041B is an SPI compatible serial interface Flash memory ideally suited
for a wide variety of digital voice-, image-, program code- and data-storage applica-
tions. Its 4,325,376 bits of memory are organized as 2048 pages of 264 bytes each. In
addition to the main memory, the AT45DB041B also contains two SRAM data buffers
of 264 bytes each.
The buffers allow receiving of data while a page in the main memory is being repro-
grammed, as well as reading or writing a continuous data stream. EEPROM emulation
(bit or byte alterability) is easily handled with a self-contained three step Read-Modify-
Write operation. Unlike conventional Flash memories that are accessed randomly with
multiple address lines and a parallel interface, the DataFlash uses a SPI serial inter-
face to sequentially access its data. DataFlash supports SPI mode 0 and mode 3. The
simple serial interface facilitates hardware layout, increases system reliability, mini-
mizes switching noise, and reduces package size and active pin count. The device is
optimized for use in many commercial and industrial applications where high density,
low pin count, low voltage, and low power are essential. The device operates at clock
frequencies up to 20 MHz with a typical active read current consumption of 4 mA.
To allow for simple in-system reprogrammability, the AT45DB041B does not require
high input voltages for programming. The device operates from a single power supply,
2.5V to 3.6V or 2.7V to 3.6V, for both the program and read operations. The
AT45DB041B is enabled through the chip select pin (CS) and accessed via a three-
wire interface consisting of the Serial Input (SI), Serial Output (SO), and the Serial
Clock (SCK).
All programming cycles are self-timed, and no separate erase cycle is required before
programming.
4-megabit
2.5-volt or
2.7-volt
DataFlash®
AT45DB041B
3443C–DFLSH–5/05


Similar Part No. - AT45DB041B-RU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB041B-RC ATMEL-AT45DB041B-RC Datasheet
233Kb / 33P
4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB041B-RC-2.5 ATMEL-AT45DB041B-RC-2.5 Datasheet
233Kb / 33P
4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB041B-RI ATMEL-AT45DB041B-RI Datasheet
233Kb / 33P
4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
More results

Similar Description - AT45DB041B-RU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
45DB041B ATMEL-45DB041B Datasheet
233Kb / 33P
4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB081B ATMEL-AT45DB081B_05 Datasheet
530Kb / 33P
8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB041D ATMEL-AT45DB041D_07 Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D Datasheet
1Mb / 53P
16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041D ATMEL-AT45DB041D_08 Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D_09 Datasheet
1Mb / 56P
16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_09 Datasheet
1Mb / 54P
8-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB041D ETC2-AT45DB041D Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com