Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB041B-RU Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT45DB041B-RU
Description  4-megabit 2.5-volt or 2.7-volt DataFlash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB041B-RU Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT45DB041B-RU Datasheet HTML 8Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 9Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 10Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 11Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 12Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 13Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 14Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 15Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
3443C–DFLSH–5/05
AT45DB041B
6.
Power-on/Reset State
When power is first applied to the device, or when recovering from a reset condition, the device
will default to SPI Mode 3. In addition, the SO pin will be in a high-impedance state, and a high-
to-low transition on the CS pin will be required to start a valid instruction. The SPI mode will be
automatically selected on every falling edge of CS by sampling the inactive clock state. After
power is applied and V
CC is at the minimum datasheet value, the system should wait 20 ms
before an operational mode is started.
Note:
r = Reserved Bit
P = Page Address Bit
B = Byte/Buffer Address Bit
x = Don’t Care
Table 6-1.
Detailed Bit-level Addressing Sequence
Opcode
Opcode
Address Byte
Address Byte
Address Byte
Additional
Don’t Care
Bytes
Required
50H
0 101 000 0r
r
r
r
PPPPP
PPP
xxx
xxxxx
xxxx
N/A
52H
0 101 001 0r
r
r
r
PPPPP
PPPPPP
BBBBB
BBBB
4 Bytes
53H
0 101 001 1r
r
r
r
PPPPP
PPPPPP
xxxxx
xxxx
N/A
54H
0 1 0 1 0 1 0 0 xxx
xxxxxx
xxxxxx
BBBBB
BBBB
1 Byte
55H
0 101 010 1r
r
r
r
PPPPP
PPPPPP
xxxxx
xxxx
N/A
56H
0 1 0 1 0 1 1 0 xxx
xxxxxx
xxxxxx
BBBBB
BBBB
1 Byte
57H
0 101 011 1
N/A
N/A
N/A
N/A
58H
0 101 100 0r
r
r
r
PPPPP
PPPPPP
xxxxx
xxxx
N/A
59H
0 101 100 1r
r
r
r
PPPPP
PPPPPP
xxxxx
xxxx
N/A
60H
0 110 000 0r
r
r
r
PPPPP
PPPPPP
xxxxx
xxxx
N/A
61H
0 110 000 1r
r
r
r
PPPPP
PPPPPP
xxxxx
xxxx
N/A
68H
0 110 100 0r
r
r
r
PPPPP
PPPPPP
BBBBB
BBBB
4 Bytes
81H
1 000 000 1r
r
r
r
PPPPP
PPPPPP
xxxxx
xxxx
N/A
82H
1 000 001 0r
r
r
r
PPPPP
PPPPPP
BBBBB
BBBB
N/A
83H
1 000 001 1r
r
r
r
PPPPP
PPPPPP
xxxxx
xxxx
N/A
84H
1 0 0 0 0 1 0 0 xxx
xxxxxx
xxxxxx
BBBBB
BBBB
N/A
85H
1 000 010 1r
r
r
r
PPPPP
PPPPPP
BBBBB
BBBB
N/A
86H
1 000 011 0r
r
r
r
PPPPP
PPPPPP
xxxxx
xxxx
N/A
87H
1 0 0 0 0 1 1 1 xxx
xxxxxx
xxxxxx
BBBBB
BBBB
N/A
88H
1 000 100 0r
r
r
r
PPPPP
PPPPPP
xxxxx
xxxx
N/A
89H
1 000 100 1r
r
r
r
PPPPP
PPPPPP
xxxxx
xxxx
N/A
D2H
1 101 001 0r
r
r
r
PPPPP
PPPPPP
BBBBB
BBBB
4 Bytes
D4H
1 1 0 1 0 1 0 0 xxx
xxxxxx
xxxxxx
BBBBB
BBBB
1 Byte
D6H
1 1 0 1 0 1 1 0 xxx
xxxxxx
xxxxxx
BBBBB
BBBB
1 Byte
D7H
1 101 011 1
N/A
N/A
N/A
N/A
E8H
1 110 100 0r
r
r
r
PPPPP
PPPPPP
BBBBB
BBBB
4 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com