Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB041B-RU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT45DB041B-RU
Description  4-megabit 2.5-volt or 2.7-volt DataFlash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB041B-RU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT45DB041B-RU Datasheet HTML 7Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 8Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 9Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 10Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 11Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 12Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 13Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 14Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11
3443C–DFLSH–5/05
AT45DB041B
5.5
Pin Descriptions
5.5.1
Serial Input (SI)
The SI pin is an input-only pin and is used to shift data into the device. The SI pin is used for all
data input including opcodes and address sequences.
5.5.2
Serial Output (SO)
The SO pin is an output-only pin and is used to shift data out from the device.
5.5.3
Serial Clock (SCK)
The SCK pin is an input-only pin and is used to control the flow of data to and from the
DataFlash. Data is always clocked into the device on the rising edge of SCK and clocked out of
the device on the falling edge of SCK.
5.5.4
Chip Select (CS)
The DataFlash is selected when the CS pin is low. When the device is not selected, data will not
be accepted on the SI pin, and the SO pin will remain in a high-impedance state. A high-to-low
transition on the CS pin is required to start an operation, and a low-to-high transition on the CS
pin is required to end an operation.
5.5.5
Write Protect (WP)
If the WP pin is held low, the first 256 pages of the main memory cannot be reprogrammed. The
only way to reprogram the first 256 pages is to first drive the protect pin high and then use the
program commands previously mentioned. If this pin and feature are not utilized it is recom-
mended that the WP pin be driven high externally.
5.5.6
RESET
A low state on the reset pin (RESET) will terminate the operation in progress and reset the inter-
nal state machine to an idle state. The device will remain in the reset condition as long as a low
level is present on the RESET pin. Normal operation can resume once the RESET pin is brought
back to a high level.
The device incorporates an internal power-on reset circuit, so there are no restrictions on the
RESET pin during power-on sequences. If this pin and feature are not utilized it is recommended
that the RESET pin be driven high externally.
5.5.7
READY/BUSY
This open drain output pin will be driven low when the device is busy in an internally self-timed
operation. This pin, which is normally in a high state (through a 1 k
Ω external pull-up resistor),
will be pulled low during programming operations, compare operations, and during page-to-
buffer transfers.
The busy status indicates that the Flash memory array and one of the buffers cannot be
accessed; read and write operations to the other buffer can still be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com