Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51AC3 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89C51AC3
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89C51AC3 Datasheet HTML 9Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 10Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 11Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 12Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 13Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 14Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 15Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 16Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 143 page
background image
13
AT89C51AC3
4383B–8051–01/05
Mnemonic
Add Name
765
432
10
IEN0
A8h
Interrupt Enable
Control 0
EA
EC
ET2
ES
ET1
EX1
ET0
EX0
IEN1
E8h
Interrupt Enable
Control 1
–
–
–
–
ESPI
–
EADC
–
IPL0
B8h
Interrupt Priority
Control Low 0
–
PPC
PT2
PS
PT1
PX1
PT0
PX0
IPH0
B7h
Interrupt Priority
Control High 0
–
PPCH
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
IPL1
F8h
Interrupt Priority
Control Low 1
–
–
–
–SPIL–
PADCL
–
IPH1
F7h
Interrupt Priority
Control High1
–––
–
SPIH
–
PADCH
–
Mnemonic
Add Name
765
432
10
ADCON
F3h ADC Control
–
PSIDLE
ADEN
ADEOC
ADSST
SCH2
SCH1
SCH0
ADCF
F6h ADC Configuration
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
ADCLK
F2h ADC Clock
–
–
–
PRS4
PRS3
PRS2
PRS1
PRS0
ADDH
F5h ADC Data High byte
ADAT9
ADAT8
ADAT7
ADAT6
ADAT5
ADAT4
ADAT3
ADAT2
ADDL
F4h ADC Data Low byte
–
–
–
–
–
–
ADAT1
ADAT0
Mnemonic
Add Name
765
432
10
SPCON
D4h SPI Control
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
SPSCR
D5h
SPI Status and
Control
SPIF
–
OVR
MODF
SPTE
UARTM
SPTEIE
MOFIE
SPDAT
D6h SPI Data
–––
–––
––
Mnemonic
Add
Name
765
432
10
PCON
87h
Power Control
SMOD1
SMOD0
–
POF
GF1
GF0
PD
IDL
AUXR
8Eh
Auxiliary Register 0
DPU
VPFDP
M0
XRS2
XRS1
XRS0
EXTRAM
A0
AUXR1
A2h
Auxiliary Register 1
–
–
ENBOOT
–
GF3
0
–
DPS
CKCON0
8Fh
Clock Control 0
–
WDX2
PCAX2
SIX2
T2X2
T1X2
T0X2
X2
CKCON1
9Fh
Clock Control 1
–
–
–
–
–
–
–
SPIX2
FCON
D1h
Flash Control
FPL3
FPL2
FPL1
FPL0
FPS
FMOD1
FMOD0
FBUSY
EECON
D2h
EEPROM Contol
EEPL3
EEPL2
EEPL1
EEPL0
–
–
EEE
EEBUSY
FSTA
D3
Flash Status
-
-
-
-
-
-
SEQERR
FLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com