Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51AC3 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT89C51AC3
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT89C51AC3 Datasheet HTML 51Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 52Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 53Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 54Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 55Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 56Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 57Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 58Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 143 page
background image
55
AT89C51AC3
4383B–8051–01/05
Table 22. Read MOVC A, @DPTR
Code Execution
FCON Register
ENBOOT
DPTR
FM1
FM0
XROW
Hardware
Byte
External
Code
FMOD1 FMOD0
FPS
From FM0
00
X
0
0000h to FFFFh
OK
1
0000h to F7FF
OK
F800h to FFFFh
Do not use this configuration
01
X
X
0000 to 007Fh
See (1)
OK
10
X
X
X
OK
11
X
0
000h to FFFFh
OK
1
0000h to F7FF
OK
F800h to FFFFh
Do not use this configuration
From FM1
(ENBOOT =1
00
0
1
0000h to F7FF
OK
F800h to FFFFh
OK
0X
NA
1
1X
OK
0X
NA
01
X
1
0000h to 007h
See (2)
OK
0NA
10
X
1
X
OK
0NA
11
X
1
000h to FFFFh
OK
0NA
External code :
EA=0 or Code
Roll Over
X0
X
X
X
OK
1. For DPTR higher than 007Fh only lowest 7 bits are decoded, thus the behavior is the same as for addresses from 0000h to
007Fh
2. For DPTR higher than 007Fh only lowest 7 bits are decoded, thus the behavior is the same as for addresses from 0000h to
007Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com