Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51AC3 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT89C51AC3
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT89C51AC3 Datasheet HTML 45Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 46Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 47Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 48Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 49Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 50Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 51Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 52Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 143 page
background image
49
AT89C51AC3
4383B–8051–01/05
Figure 26. Flash and Extra Row Programming Procedure
Hardware Security Byte
The following procedure is used to program the Hardware Security Byte space
and is summarized in Figure 27:
•
Set FPS and map Hardware byte (FCON = 0x0C)
•
Save and disable the interrupts.
•
Load DPTR at address 0000h.
•
Load Accumulator register with the data to load.
•
Execute the MOVX @DPTR, A instruction.
•
Launch the programming by writing the data sequence 54h followed by A4h in
FCON register (only from FM1).
The end of the programming indicated by the FBusy flag cleared.
•
Restore the interrupts.
Flash Spaces
Programming
Save and Disable IT
EA = 0
Launch Programming
FCON = 5xh
FCON = Axh
End Programming
Restore IT
Column Latches Loading
see Figure 25
FBusy
Cleared?
Clear Mode
FCON = 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com