Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7538Q Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 16Page - STMicroelectronics ST7538Q Datasheet HTML 17Page - STMicroelectronics ST7538Q Datasheet HTML 18Page - STMicroelectronics ST7538Q Datasheet HTML 19Page - STMicroelectronics ST7538Q Datasheet HTML 20Page - STMicroelectronics ST7538Q Datasheet HTML 21Page - STMicroelectronics ST7538Q Datasheet HTML 22Page - STMicroelectronics ST7538Q Datasheet HTML 23Page - STMicroelectronics ST7538Q Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Functional description
ST7538Q
20/44
5.5.1
Communication between host and ST7538Q
The Host can achieve the Mains access by selecting REG_DATA = ”0” and the choice
between Data Transmission or Data Reception is performed by selecting RxTx line
(if RxTx =“1” ST7538Q receives data from mains, if RxTx = ”0” ST7538Q transmits data over
the mains).
Communication between Host and ST7538Q is different in Asynchronous and Synchronous
mode:
Asynchronous mode
In Asynchronous Mode, data are exchanged without any data Clock reference. The
host controller has to recover the clock reference in receiving Mode and control the Bit
time in transmission mode.
If RxTx line is set to “1” & REG_DATA = ”0” (Data Reception), ST7538Q enters in an
Idle State. After Tcc time the modem starts providing received data on RxD line.
If RxTx line is set to “0” & REG_DATA=”0” (Data Transmission), ST7538Q enters in an
Idle State and transmission circuitry is switched on. After Tcc time the modem starts
transmitting data present on TxD line.
Synchronous mode
In Synchronous Mode ST7538Q is always the master of the communication and
provides the clock reference on CLR/T line.
When ST7538Q is in receiving mode an internal PLL recovers the clock reference.
Data on RxD line are stable on CLR/T rising Edge.
When ST7538Q is in transmitting mode the clock reference is internally generated and
TxD line is sampled on CLR/T rising Edge.
If RxTx line is set to “1” & REG_DATA=”0” (Data Reception), ST7538Q enters in an Idle
State and CLR/T line is forced Low. After Tcc time the modem starts providing received
data on RxD line.
If RxTx line is set to “0” & REG_DATA=”0” (Data Transmission), ST7538Q enters in an
Idle State and transmission circuitry is switched on. After Tcc time the modem starts
transmitting data present on TxD line (Figure 5) .
Figure 4.
Receiving and transmitting data/recovered clock timing
Transmitting Bit Synchronization
CLR/T
RxD
CLR/T
TxD
Receiving Bit Synchronization
TSTH
D03IN1416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com