Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7538Q Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 20Page - STMicroelectronics ST7538Q Datasheet HTML 21Page - STMicroelectronics ST7538Q Datasheet HTML 22Page - STMicroelectronics ST7538Q Datasheet HTML 23Page - STMicroelectronics ST7538Q Datasheet HTML 24Page - STMicroelectronics ST7538Q Datasheet HTML 25Page - STMicroelectronics ST7538Q Datasheet HTML 26Page - STMicroelectronics ST7538Q Datasheet HTML 27Page - STMicroelectronics ST7538Q Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Functional description
ST7538Q
24/44
Figure 10. ST7538Q PLL lock-in range
5.7.3
Carrier/preamble detection
The Carrier/Preamble Block is a digital Frequency detector Circuit.
It can be used to manage the MAINS access and to detect an incoming signal.
Two are the possible setting:
Carrier detection: The Carrier/Preamble detection Block notifies to the host controller
the presence of a Carrier when it detects on the RAI Input a signal with an harmonic
component close to the programmed Carrier Frequency. The CD_PD signal sensitivity
is identical to the data reception sensitivity (0.5mVrms Typ. in Normal Sensitivity
Mode).
The CD_PD line is forced to a logic level low when a Carrier is detected.
Preamble detection: The Carrier/Preamble detection Block notifies to the host
controller the presence of a Carrier modulated at the Programmed Baud Rate for at
least 4 Consecutive Symbols (“1010” or “0101” are the symbols sequences detected).
CD_PD line is forced low till a Carrier signal is detected and PLL is in the lock-in range.
To reinforce the effectiveness of the information given by CD_PD Block, a digital
filtering is applied on Carrier or Preamble notification signal (See Control Register
Paragraph). The Detection Time Bits in the Control Register define the filter
performance. Increasing the Detection Time reduces the false notifications caused by
noise on main line. The Digital filter adds a delay to CD_PD notification equal to the
programmed Detection Time. When the carrier frequency disappears, CD_PD line is
held low for a period equal to the detection time and then forced high. During this time
the some spurious data caused by noise can be demodulated.
5.7.4
Header recognition
In Extended Control Register Mode (Control Register bit 21 = ”1”, see Table 11) the CD_PD
line can be used to recognize if an header has been sent during the transmission. With
Header Recognition function enable (Control Register bit 18 = ”1”, see Table 11), CD_PD
line is forced low when a Frame Header is detected. If Frame Length Count function is
enabled, CD_PD is held low and a number of 16 bit word equal to the Frame Length
selected is sent to the host controller. In this case, CLR/T is forced to “0” and RxD is forced
to “0” or “1” (according the UART/SPI pin level) when Header has not been detected or after
the Frame Length has been reached.
If Frame Length Count function is disabled, an header recognition is signaled by forcing
CD_PD low for one period of CLR/T line. In this case, CLR/T and RxD signal are always
present, even if no header has been recognized.
CLR/T
RxD
D03IN1417
LOCK-IN RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com