Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7538Q Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST7538Q
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538Q Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST7538Q Datasheet HTML 24Page - STMicroelectronics ST7538Q Datasheet HTML 25Page - STMicroelectronics ST7538Q Datasheet HTML 26Page - STMicroelectronics ST7538Q Datasheet HTML 27Page - STMicroelectronics ST7538Q Datasheet HTML 28Page - STMicroelectronics ST7538Q Datasheet HTML 29Page - STMicroelectronics ST7538Q Datasheet HTML 30Page - STMicroelectronics ST7538Q Datasheet HTML 31Page - STMicroelectronics ST7538Q Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Functional description
ST7538Q
28/44
Voltage control loop formula
Note:
The rate of R2 takes in account the input resistance on the SENSE pin (36 K
).
5.6nF capacitor effect has been neglected.
Figure 15. Typical output current vs rcl
Table 10. Vout vs R1 & R2 resistors value
Vout (Vrms)
Vout (dB
µV)
(R1+R2)/R2
R2 (K
Ω)
R1 (K
Ω)
0.150
103.5
1.1
7.5
1.0
0.250
108.0
1.9
5.1
3.9
0.350
110.9
2.7
3.6
5.6
0.500
114.0
3.7
3.3
8.2
0.625
115.9
4.7
3.3
11.0
0.750
117.5
5.8
2.7
12.0
0.875
118.8
6.6
2.0
11.0
1.000
120.0
7.6
1.6
10.0
1.250
121.9
9.5
1.6
13.0
1.500
123.5
10.8
1.6
15.0
VR
PK
R
1
R
2
+
R
2
--------------------
VCL
TH
VCL
HYST
±
()
100
125
150
175
200
225
250
275
300
325
Irms
(mA)
2
2.5
3
3.5
Rcl(K
Ω)
D01IN1311
4
4.5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com