Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP53V Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY10EP53V
Description  5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP53V Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY10EP53V Datasheet HTML 1Page - Micrel Semiconductor SY10EP53V Datasheet HTML 2Page - Micrel Semiconductor SY10EP53V Datasheet HTML 3Page - Micrel Semiconductor SY10EP53V Datasheet HTML 4Page - Micrel Semiconductor SY10EP53V Datasheet HTML 5Page - Micrel Semiconductor SY10EP53V Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
ECL Pro™
SY10EP53V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Maximum Toggle Frequency(1)
—
3.0
—
—
3.0
—
—
3.0
—
GHz
tPLH
Propagation Delay to Output
ps
tPHL
Differential
CLK
➝ Q, /Q
175
—
325
200
275
350
250
—
400
SET, RESET
➝ Q, /Q
200
—
360
250
330
420
325
—
475
tRR
Reset Recovery Time
225
—
—
200
140
—
185
—
—
ps
tS
Setup Time
150
50
—
150
50
—
150
50
—
ps
tH
Hold Time
150
50
—
150
50
—
150
50
—
ps
tPW
Minimum Pulse Width
550
450
—
550
450
—
550
450
—
ps
VPP
Input Voltage Swing
————
TBD
————
mV
(Differential)
tr
Output Rise/Fall Times
Q
50
—
180
60
130
200
70
—
220
ps
tf
(20% to 80%)
Note 1.
f
MAX guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only.
AC ELECTRICAL CHARACTERISTICS
V
CC = 0V, VEE = –5.5V to –3.0V; VCC = 3.0V to 5.5V, VEE = 0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com