Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP53V Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10EP53V
Description  5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP53V Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10EP53V Datasheet HTML 1Page - Micrel Semiconductor SY10EP53V Datasheet HTML 2Page - Micrel Semiconductor SY10EP53V Datasheet HTML 3Page - Micrel Semiconductor SY10EP53V Datasheet HTML 4Page - Micrel Semiconductor SY10EP53V Datasheet HTML 5Page - Micrel Semiconductor SY10EP53V Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ECL Pro™
SY10EP53V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
—
—
47
—
35
47
—
—
47
mA
VOH
Output HIGH Voltage(3)
2165
2290
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Outuput LOW Voltage(3)
1350
1490
1615
1350
1555
1680
1350
1615
1740
mV
VIH
Input HIGH Voltage
2090
—
2415
2155
—
2480
2215
—
2540
mV
(Single-Ended)
VIL
Input LOW Voltage
1365
—
1690
1430
—
1755
1490
—
1815
mV
(Single-Ended)
VIHCMR
Input HIGH Voltage(4)
2.0
—
V
CC
2.0
—
V
CC
2.0
—
V
CC
V
Common Mode Range (Diff.)
IIH
Input HIGH Current
—
—
150
—
—
150
—
—
150
µA
IIL
Input LOW Current
D
0.5
—
—
0.5
—
—
0.5
—
—
µA
/D
–150
—
—
–150
—
—
–150
—
—
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
Input and output parameters vary 1:1 with V
CC. VCC can vary –0.3V to +0.5V.
Note 3.
All loading with 50Ω to VCC –2.0V.
Note 4.
VIHCMR(min) varies 1:1 with VEE, VIHCMR(max) varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
LVPECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 3.3V, VEE = 0V
(2)
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current(3)
—
—
47
—35
47—
—47
mA
VOH
Output HIGH Voltage(4)
–1135
–0885
–1070
–0945
–0820
–1010
–0760
mV
VOL
Outuput LOW Voltage(4)
–1950
–1685
–1950
–1745
–1620
–1950
–1560
mV
VIH
Input HIGH Voltage
–1210
–0885
–1145
—
–0820
–1085
—
–0760
mV
VIL
Input LOW Voltage
–1935
–1610
–1870
—
–1545
–1810
—
–1485
mV
VIHCMR
Input HIGH Voltage
V
EE+2.0
V
CC
V
EE+2.0
V
CC
V
EE+2.0
V
CC
V
Common Mode Range(5)
IIH
Input HIGH Current
—
—
150
—
—
150
—
—
150
µA
IIL
Input LOW Current
0.5
—
—
0.5
—
—
0.5
—
—
µA
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
Input and output parameters vary 1:1 with V
CC.
Note 3.
V
CC = 0V, VEE = VEE(min) to VEE (max), all other pins floating.
Note 4.
All loading with 50Ω to VCC – 2.0V.
Note 5.
V
IHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
ECL/LVECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 0V, VEE = –5.5V to –3.0V
(2)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com