Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP53V Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10EP53V
Description  5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP53V Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10EP53V Datasheet HTML 1Page - Micrel Semiconductor SY10EP53V Datasheet HTML 2Page - Micrel Semiconductor SY10EP53V Datasheet HTML 3Page - Micrel Semiconductor SY10EP53V Datasheet HTML 4Page - Micrel Semiconductor SY10EP53V Datasheet HTML 5Page - Micrel Semiconductor SY10EP53V Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
ECL Pro™
SY10EP53V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
■ 3.3V and 5V power supply options
■ 3.0GHz toggle frequency
■ 75KΩ internal input pulldown resistors
■ Available in 10-pin MSOP package
The SY10EP53V is a differential data, differential clock
D flip-flop with set and reset. The EP53V is ideally suited
for those applications which require the ultimate in AC
performance.
Data enters the master portion of the flip-flop when
the clock is LOW and is transferred to the slave, and
thus the outputs, upon a positive transition of the clock.
The differential clock inputs also allow the EP53V to be
used as a negative edge triggered device. Both set and
reset inputs are asynchronous, level triggered signals.
The EP53V employs input clamping circuitry so that,
under open input conditions (pulled down to VEE), the
outputs of the device will remain stable.
FEATURES
5V/3.3V DIFFERENTIAL DATA
AND CLOCK D FLIP-FLOP WITH
SET AND RESET
D
SET
RESET
CLK
Q
LL
L
Z
L
HL
L
Z
H
XH
L
X
H
XL
H
X
L
X
H
H
X
UNDEF
Note 1.
Z = LOW-to-HIGH transition.
Pin
Function
D, /D
Data Input (ECL)
CLK, /CLK
Clock Input (ECL)
Q, /Q
Data Output (ECL)
VCC, VEE
Power Supply
SET
ECL Asynchonous Set
RESET
ECL Asynchonous Reset
Rev.: D
Amendment: /0
Issue Date:
October 2005
ECL Pro™
SY10EP53V
TRUTH TABLE(1)
PIN NAMES
ECL Pro™
ECL Pro is a trademark of Micrel, Inc.


Similar Part No. - SY10EP53V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V Datasheet
64Kb / 6P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53VKC MICREL-SY10EP53VKC Datasheet
64Kb / 6P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53VKCTR MICREL-SY10EP53VKCTR Datasheet
64Kb / 6P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53VKG MICREL-SY10EP53VKG Datasheet
64Kb / 6P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
More results

Similar Description - SY10EP53V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
logo
Micrel Semiconductor
SY100EL29V MICREL-SY100EL29V Datasheet
65Kb / 4P
5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP w/SET AND RESET
logo
ON Semiconductor
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
logo
Micrel Semiconductor
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com