Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP1451 Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # FP1451
Description  DUAL CHANNEL PWM CONTROL IC WITH SCP/DTC FUNCTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP1451 Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button FP1451 Datasheet HTML 7Page - Feeling Technology Corp. FP1451 Datasheet HTML 8Page - Feeling Technology Corp. FP1451 Datasheet HTML 9Page - Feeling Technology Corp. FP1451 Datasheet HTML 10Page - Feeling Technology Corp. FP1451 Datasheet HTML 11Page - Feeling Technology Corp. FP1451 Datasheet HTML 12Page - Feeling Technology Corp. FP1451 Datasheet HTML 13Page - Feeling Technology Corp. FP1451 Datasheet HTML 14Page - Feeling Technology Corp. FP1451 Datasheet HTML 15Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Technology
FP1451
TIMING WAVEFORM
H
L
H
L
Dead Time 100%
0 V
0.6 V
H
L
0 V
3.6 V
tpe
2.8 V TYP
Power Supply Voltage
Short-Circuit Protection
Comparator Output
Protection Enable
Terminal Waveform
Output Transistor Collector
Waveform
PWM Comparator Output Voltage
Comparator Input Voltage
Short-Circuit Protection
Dead-Time Input Voltage
Error Amplifier Output
Oscillator Triangle Waveform
1.6 V
2.0 V
1.4 V
1.25 V
FP1451 Timing Diagram
Protection Enable Time, tpe = (0.047 * 10E6 * Cpe) in seconds
Rev0.5 Apr. 01, 2004
P11/FP1451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com