Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP1451 Datasheet(PDF) 15 Page - Feeling Technology Corp.

Part # FP1451
Description  DUAL CHANNEL PWM CONTROL IC WITH SCP/DTC FUNCTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP1451 Datasheet(HTML) 15 Page - Feeling Technology Corp.

Back Button FP1451 Datasheet HTML 9Page - Feeling Technology Corp. FP1451 Datasheet HTML 10Page - Feeling Technology Corp. FP1451 Datasheet HTML 11Page - Feeling Technology Corp. FP1451 Datasheet HTML 12Page - Feeling Technology Corp. FP1451 Datasheet HTML 13Page - Feeling Technology Corp. FP1451 Datasheet HTML 14Page - Feeling Technology Corp. FP1451 Datasheet HTML 15Page - Feeling Technology Corp. FP1451 Datasheet HTML 16Page - Feeling Technology Corp. FP1451 Datasheet HTML 17Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Technology
FP1451
PACKING SPECIFICATIONS
BOX DIMENSION
TUBE INSIDE BOX AND CARTON
BOX
LABEL
FTC Logo
190mm
630mm
INSIDE BOX
100mm
BOX
LABEL
380mm
640mm
TUBE CARTON
220mm
FTC Logo
TAPE AND REEL INSIDE BOX AND CARTON
FTC label
362mm
342mm
50mm
CARTON
LABEL
FTC Logo
380mm
365mm
Tape & Reel Carton
PACKING QUANTITY SPECIFICATIONS
50 EA/TUBE
2500 EA / REEL
50 TUBES / INSIDE BOX
4 INSIDE BOXES / CARTON
4 INSIDE BOXES / CARTON
LABEL SPECIFICATIONS
TAPPING & REEL
Feeling Technology Corp.
Product:
Lot No :
D/C :
Q'ty
◎∼◎
無鉛
Lead Free
FP1451
A3311C62
4Xx-XXL
:
Rev0.5 Apr. 01, 2004
P15/FP1451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com