Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP1451 Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FP1451
Description  DUAL CHANNEL PWM CONTROL IC WITH SCP/DTC FUNCTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP1451 Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FP1451 Datasheet HTML 1Page - Feeling Technology Corp. FP1451 Datasheet HTML 2Page - Feeling Technology Corp. FP1451 Datasheet HTML 3Page - Feeling Technology Corp. FP1451 Datasheet HTML 4Page - Feeling Technology Corp. FP1451 Datasheet HTML 5Page - Feeling Technology Corp. FP1451 Datasheet HTML 6Page - Feeling Technology Corp. FP1451 Datasheet HTML 7Page - Feeling Technology Corp. FP1451 Datasheet HTML 8Page - Feeling Technology Corp. FP1451 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technology
FP1451
FUNCTIONAL BLOCK DIAGRAM
Oscillator
Reference
Voltage
10
7
8
1
2
16
15
3
4
5
6
13
14
12
11
9
R
SR
UVLO
1/2 Vref
PWM
COMP
PWM
COMP
MARK VIEW
PIN DESCRIPTION
NAME NO. STATUS
DESCRIPTION
CT
1
I
Connect a Capacitor for Oscillator
RT
2
I
Connect a Resistor for Oscillator
EA1+
3
I
Error Amplifier 1 Non-inverting Input
EA1-
4
I
Error Amplifier 1 Inverting Input
FB1
5
O
Error Amplifier 1 Feedback Output
DTC1
6
I
Output 1 Dead-Time Comparator
OUT1
7
O
Open Collector Output 1
GND
8
P
IC Ground
VCC
9
P
IC Power Supply
OUT2
10
O
Open Collector Output 2
DTC2
11
I
Output 2 Dead-Time Comparator
FB2
12
O
Error Amplifier 2 Feedback Output
EA2-
13
I
Error Amplifier 2 Inverting Input
EA2+
14
I
Error Amplifier 2 Non-inverting Input
SCP
15
I
Short Circuit Protection Input
VREF
16
O
2.5V Reference Voltage Output
1
2
3
4
8
7
6
5
9
10
11
12
13
14
15
16
Rev0.5 Apr. 01, 2004
P2/FP1451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com