Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP89V Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY10EP89V
Description  5V/3.3V 3GHz COAXIAL CABLE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP89V Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY10EP89V Datasheet HTML 1Page - Micrel Semiconductor SY10EP89V Datasheet HTML 2Page - Micrel Semiconductor SY10EP89V Datasheet HTML 3Page - Micrel Semiconductor SY10EP89V Datasheet HTML 4Page - Micrel Semiconductor SY10EP89V Datasheet HTML 5Page - Micrel Semiconductor SY10EP89V Datasheet HTML 6Page - Micrel Semiconductor SY10EP89V Datasheet HTML 7Page - Micrel Semiconductor SY10EP89V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ECL Pro™
SY10EP89V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
I
EE
Power Supply Current
22
28
34
24
32
38
28
34
40
mA
V
OH
Output HIGH Voltage(2)
–1220
–1120
–1020
–1150
–1050
–950
–1075
–975
–875
mV
V
OL
Outuput LOW Voltage(2)
–2680
–2580
–2480
–2670
–2570
–2470
–2630
–2530
–2430
mV
V
IH
Input HIGH Voltage
–1230
—
–890
–1130
—
–810
–1060
—
–720
mV
(Single-Ended)
V
IL
Input LOW Voltage
–1950
—
–1500
–1950
—
–1480
–1950
—
–1445
mV
(Single-Ended)
V
IHCMR
Input HIGH Voltage
V
EE +2.0
0.0
V
EE +2.0
0.0
V
EE +2.0
0.0
V
Common Mode Range (Diff.)(3)
I
IH
Input HIGH Current
—
—
150
—
—
150
—
—
150
µA
I
IL
Input LOW Current
D
0.5
—
—
0.5
—
—
0.5
—
—
µA
/D
–150
—
—
–150
—
—
–150
—
—
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
All loading with 50Ω to VCC –3.0V.
Note 3.
The V
IHCMR range is referenced to the most positive side of the differential input signal.
LVECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 0V, VEE = –3.3V.
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
I
EE
Power Supply Current
27
32
41
30
37
44
32
39
50
mA
V
OH
Output HIGH Voltage(2)
–1220
–1120
–1020
–1150
–1050
–950
–1075
–975
–875
mV
V
OL
Outuput LOW Voltage(2)
–2950
–2800
–2650
–2950
–2850
–2650
–2950
–2800
–2650
mV
V
IH
Input HIGH Voltage
–1230
—
–890
–1130
—
–810
–1060
—
–720
mV
(Single-Ended)
V
IL
Input LOW Voltage
–1950
—
–1500
–1950
—
–1480
–1950
—
–1445
mV
(Single-Ended)
V
IHCMR
Input HIGH Voltage
V
EE +2.0
0
V
EE +2.0
0
V
EE +2.0
0
V
Common Mode Range(3)
I
IH
Input HIGH Current
—
—
150
—
—
150
—
—
150
µA
I
IL
Input LOW Current
D
0.5
—
—
0.5
—
—
0.5
—
—
µA
/D
–150
—
—
–150
—
—
–150
—
—
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
All loading with 50Ω to VCC –3.0V.
Note 3.
The V
IHCMR range is referenced to the most positive side of the differential input signal.
ECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 0V; VEE = –5.2V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com