Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP89V Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10EP89V
Description  5V/3.3V 3GHz COAXIAL CABLE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP89V Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10EP89V Datasheet HTML 1Page - Micrel Semiconductor SY10EP89V Datasheet HTML 2Page - Micrel Semiconductor SY10EP89V Datasheet HTML 3Page - Micrel Semiconductor SY10EP89V Datasheet HTML 4Page - Micrel Semiconductor SY10EP89V Datasheet HTML 5Page - Micrel Semiconductor SY10EP89V Datasheet HTML 6Page - Micrel Semiconductor SY10EP89V Datasheet HTML 7Page - Micrel Semiconductor SY10EP89V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ECL Pro™
SY10EP89V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
I
EE
Power Supply Current
22
28
34
24
32
38
28
34
40
mA
V
OH
Output HIGH Voltage(3)
2080
2180
2280
2150
2250
2350
2225
2325
2425
mV
V
OL
Outuput LOW Voltage(3)
620
720
820
630
730
830
670
770
870
mV
V
IH
Input HIGH Voltage
2070
—
2410
2170
—
2490
2240
—
2580
mV
(Single-Ended)
V
IL
Input LOW Voltage
1350
—
1800
1350
—
1820
1350
—
1855
mV
(Single-Ended)
V
IHCMR
Input HIGH Voltage
V
EE +2.0
V
CC
V
EE +2.0
V
CC
V
EE +2.0
V
CC
V
Common Mode Range (Diff.)(4)
I
IH
Input HIGH Current
—
—
150
—
—
150
—
—
150
µA
I
IL
Input LOW Current
D
0.5
—
—
0.5
—
—
0.5
—
—
µA
/D
–150
—
—
–150
—
—
–150
—
—
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
Input and output parameters vary 1:1 with V
CC.
Note 3.
All loading with 50Ω to VCC –3.0V.
Note 4.
The V
IHCMR range is referenced to the most positive side of the differential input signal.
3.3V LVPECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 3.3V, VEE = 0V
(2).
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
I
EE
Power Supply Current
27
34
45
30
37
45
32
39
50
mA
V
OH
Output HIGH Voltage(3)
3780
3880
3980
3850
3950
4050
3925
4025
4125
mV
V
OL
Outuput LOW Voltage(3)
2075
2225
2375
2060
2210
2360
2090
2240
2390
mV
V
IH
Input HIGH Voltage
3770
—
4110
3870
—
4190
3940
—
4280
mV
(Single-Ended)
V
IL
Input LOW Voltage
3050
—
3500
3050
—
3520
3050
—
3555
mV
(Single-Ended)
V
IHCMR
Input HIGH Voltage
V
EE +2.0
V
CC
V
EE +2.0
V
CC
V
EE +2.0
V
CC
V
Common Mode Range(4)
I
IH
Input HIGH Current
—
—
150
—
—
150
—
—
150
µA
I
IL
Input LOW Current
D
0.5
—
—
0.5
—
—
0.5
—
—
µA
/D
–150
—
—
–150
—
—
–150
—
—
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
Input and output parameters vary 1:1 with V
CC.
Note 3.
All loading with 50Ω to VCC – 3.0V.
Note 4.
The V
IHCMR range is referenced to the most positive side of the differential input signal.
5.0V PECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 5.0V; VEE = 0V
(2).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com