Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP89V Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10EP89V
Description  5V/3.3V 3GHz COAXIAL CABLE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP89V Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10EP89V Datasheet HTML 1Page - Micrel Semiconductor SY10EP89V Datasheet HTML 2Page - Micrel Semiconductor SY10EP89V Datasheet HTML 3Page - Micrel Semiconductor SY10EP89V Datasheet HTML 4Page - Micrel Semiconductor SY10EP89V Datasheet HTML 5Page - Micrel Semiconductor SY10EP89V Datasheet HTML 6Page - Micrel Semiconductor SY10EP89V Datasheet HTML 7Page - Micrel Semiconductor SY10EP89V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
ECL Pro™
SY10EP89V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
D, /D
ECL Data Inputs
Q0, Q1, /Q0, /Q1
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
DESCRIPTION
■ 3.3V and 5V power supply options
■ 3.0GHz typical toggle frequency
■ 310ps typical propagation delay
■ 1.6V (5V) and 1.4V (3.3V) swing
■ Internal input resistors: pulldown on D, pulldown
and pullup on /D
■ New differential input common mode range
■ Available in 8-pin MSOP and SOIC packages
The SY10EP89V is a differential fanout gate specifically
designed to drive coaxial cables. The device is especially
useful in digitial video broadcasting applications; for this
application, since the system is polarity free, each output
can be used as an independent driver. The driver
produces swings 70% larger than a standard ECL output.
When driving a coaxial cable, proper termination is
required at both ends of the line, while maintaining a
800mV (5V) or 700mV (3.3V) swing at the receiving end
of the cable. Because of the larger output swings, the
device cannot be terminated into the standard V
CC –2.0V.
All of the DC parameters are tested with a 50Ω to
V
CC –3.0V load. The driver accepts a standard differential
ECL input and can run off of the digital video broadcast
standard –5.0V supply.
FEATURES
5V/3.3V 3GHz
COAXIAL CABLE DRIVER
PIN NAMES
ECL Pro™
SY10EP89V
Rev.: D
Amendment: /0
Issue Date:
October 2005
ECL Pro is a trademark of Micrel, Inc.


Similar Part No. - SY10EP89V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP89V MICREL-SY10EP89V Datasheet
86Kb / 7P
5V/3.3V 3GHz COAXIAL CABLE DRIVER
SY10EP89VKC MICREL-SY10EP89VKC Datasheet
86Kb / 7P
5V/3.3V 3GHz COAXIAL CABLE DRIVER
SY10EP89VKCTR MICREL-SY10EP89VKCTR Datasheet
86Kb / 7P
5V/3.3V 3GHz COAXIAL CABLE DRIVER
SY10EP89VKI MICREL-SY10EP89VKI Datasheet
86Kb / 7P
5V/3.3V 3GHz COAXIAL CABLE DRIVER
SY10EP89VKITR MICREL-SY10EP89VKITR Datasheet
86Kb / 7P
5V/3.3V 3GHz COAXIAL CABLE DRIVER
More results

Similar Description - SY10EP89V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
Coaxial Cable Driver
1996 REV 2
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
Coaxial Cable Driver
December, 1999 ??Rev. 1
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP89V MICREL-SY10EP89V Datasheet
86Kb / 7P
5V/3.3V 3GHz COAXIAL CABLE DRIVER
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com