Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2513 Datasheet(PDF) 13 Page - Advanced Analogic Technologies

Part # AAT2513
Description  Dual 600mA Step-Down Converter with Synchronization
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2513 Datasheet(HTML) 13 Page - Advanced Analogic Technologies

Back Button AAT2513 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 15Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 16Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 17Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
This equation also makes the worst-case assump-
tion that both converters are operating at 50% duty
cycle synchronized.
The term
appears in both the input
voltage ripple and input capacitor RMS current
equations. It is at maximum when V
O is twice VIN.
This is why the input voltage ripple and the input
capacitor RMS current ripple are a maximum at
50% duty cycle.
The input capacitor provides a low impedance loop
for the edges of pulsed current drawn by the
AAT2513. Low ESR/ESL X7R and X5R ceramic
capacitors are ideal for this function. To minimize
the stray inductance, the capacitor should be
placed as close as possible to the IC. This keeps
the high frequency content of the input current
localized, minimizing EMI and input voltage ripple.
The proper placement of the input capacitor (C3 and
C9) can be seen in the evaluation board layout in
Figures 3 and 4. Since decoupling must be as close
to the input pins as possible it is necessary to use
two decoupling capacitors, one for each converter.
A Laboratory test set-up typically consists of two
long wires running from the bench power supply to
the evaluation board input voltage pins. The induc-
tance of these wires along with the low ESR ceram-
ic input capacitor can create a high Q network that
may effect the converter performance.
This problem often becomes apparent in the form
of excessive ringing in the output voltage during
load transients. Errors in the loop phase and gain
measurements can also result.
Since the inductance of a short printed circuit board
trace feeding the input voltage is significantly lower
than the power leads from the bench power supply,
most applications do not exhibit this problem.
In applications where the input power source lead
inductance cannot be reduced to a level that does
not effect the converter performance, a high ESR
tantalum or aluminum electrolytic (C10 of Figure 2)
should be placed in parallel with the low ESR, ESL
bypass ceramic. This dampens the high Q network
and stabilizes the system.
Output Capacitor
The output capacitor limits the output ripple and
provides holdup during large load transitions. A
4.7µF to 10µF X5R or X7R ceramic capacitor typi-
cally provides sufficient bulk capacitance to stabi-
lize the output during large load transitions and has
the ESR and ESL characteristics necessary for low
output ripple.
The output voltage droop due to a load transient is
dominated by the capacitance of the ceramic out-
put capacitor. During a step increase in load cur-
rent the ceramic output capacitor alone supplies
the load current until the loop responds. As the loop
responds the inductor current increases to match
the load current demand. This typically takes two
to three switching cycles and can be estimated by:
Once the average inductor current increases to the
DC load level, the output voltage recovers. The
above equation establishes a limit on the minimum
value for the output capacitor with respect to load
transients.
The internal voltage loop compensation also limits
the minimum output capacitor value to 4.7µF. This
is due to its effect on the loop crossover frequency
(bandwidth), phase margin, and gain margin.
Increased output capacitance will reduce the
crossover frequency with greater phase margin.
The maximum output capacitor RMS ripple current
is given by:
Dissipation due to the RMS current in the ceramic
output capacitor ESR is typically minimal, resulting in
less than a few degrees rise in hot spot temperature.
⎛⎞
· 1 -
⎝⎠
V
O
V
IN
V
O
V
IN
1
23
V
OUT · (VIN(MAX) - VOUT)
RMS(MAX)
I
L · F · V
IN(MAX)
=·
·
C
OUT =
3 ·
ΔI
LOAD
V
DROOP · FS
⎛⎞
· 1 -
= D
⋅ (1 - D) = 0.52 = 0.25
⎝⎠
V
O
V
IN
V
O
V
IN
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
2513.2007.04.1.1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com