Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2513 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT2513
Description  Dual 600mA Step-Down Converter with Synchronization
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2513 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT2513 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Pin Descriptions
Pin Configuration
QFN33-16
(Top View)
MODE/SYNC
VCC
EN1
PS
AGND
FB2
1
2
3
4
12
11
10
9
EN2
FB1
Pin #
Symbol
Function
1
PS
Phase shift pin. Logic high enables the PS feature which forces the two converters
to operate 180° out of phase when both are in forced PWM mode.
2
AGND
Analog ground. Return the feedback resistive divider to this ground. See section on
PCB layout guidelines and evaluation board layout diagram.
4, 3
FB1, FB2
Feedback input pins. An external resistive divider ties to each and programs the
respective output voltage to the desired value.
5, 16
VIN1, VIN2
Input supply voltage pins. Must be closely decoupled to the respective PGND.
6, 15
N/C
Not connected
7, 14
LX1, LX2
Output switching nodes that connect to the respective output inductor.
8, 13
PGND1, PGND2
Main power ground return. Connect to the input and output capacitor return. See
section on PCB layout guidelines and evaluation board layout diagram.
10, 9
EN1, EN2
Converter enable input pins. A logic high enables the converter channel. A logic low
forces the channel into shutdown mode, reducing the channel supply current to less
than 1µA. This pin should not be left floating. When not actively controlled, this pin
can be tied directly to VIN and/or VCC.
11
VCC
Control circuit power supply. Connect to the higher voltage of VIN1 or VIN2.
12
MODE/SYNC
Logic low enables automatic light load mode for optimized efficiency throughout the
entire load range. Logic high forces low noise PWM operation under all operating
conditions. Connect to an external clock for synchronization (PWM only).
EP
Exposed paddle (bottom). Use properly sized vias for thermal coupling to the
ground plane. See section on PCB layout guidelines.
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
2
2513.2007.04.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com