Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2513 Datasheet(PDF) 21 Page - Advanced Analogic Technologies

Part # AAT2513
Description  Dual 600mA Step-Down Converter with Synchronization
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2513 Datasheet(HTML) 21 Page - Advanced Analogic Technologies

Back Button AAT2513 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 15Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 16Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 17Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 21Page - Advanced Analogic Technologies AAT2513 Datasheet HTML 22Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Ordering Information
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Voltage
Package
Channel 1
Channel 2
Marking
1
Part Number (Tape and Reel)
2
QFN33-16
0.6V
0.6V
UFXYY
AAT2513IVN-AA-T1
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
2513.2007.04.1.1
21
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.
Legend
Voltage
Code
Adjustable
A
(0.6V)
1.5
G
1.8
I
1.9
Y
2.5
N
2.6
O
2.7
P
2.8
Q
2.85
R
2.9
S
3.0
T
3.3
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com