Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTF3020-C/TG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FTF3020-C/TG
Description  Full Frame CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FTF3020-C/TG Datasheet(HTML) 5 Page - NXP Semiconductors

  FTF3020-C/TG Datasheet HTML 1Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 2Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 3Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 4Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 5Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 6Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 7Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 8Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 November
5
Philips Semiconductors
Product specification
Full Frame CCD Image Sensor
FTF3020-C
1 During Charge Reset it is allowed to exceed maximum rating levels (see note 5).
2 All voltages in relation to SFS.
3 To set the VNS voltage for optimal Vertical Anti-Blooming (VAB), it should be adjustable between minimum and maximum values.
4 Three-level clock is preferred for maximum charge; the swing during vertical transport should be 4V higher than the voltage during integration.
A two level clock (typically 10V) can be used if a lower maximum charge handling capacity is allowed.
5 Charge Reset can be achieved in two ways:
• The typical A-clock low level is applied to all image clocks; for proper CR, an additional Charge Reset pulse on VNS is required (preferred).
• The typical CR level is applied to all image clocks simultaneously.
Specifications
DC CONDITIONS
2
MIN. [V]
TYPICAL [V]
MAX. [V]
MAX. [mA]
VNS
3
VPS
SFD
SFS
VCS
OG
RD
N substrate
P substrate
Source Follower Drain
Source Follower Source
Current Source
Output Gate
Reset Drain
18
1
16
0
-5
4
13
24
3
20
0
0
6.5
15.5
28
7
24
0
3
8
18
15
15
4.5
1
-
-
-
AC CLOCK LEVEL CONDITIONS
2
MIN.
TYPICAL
MAX.
UNIT
IMAGE CLOCKS:
A-clock amplitude during integration and hold
A-clock amplitude during vertical transport (duty cycle=5/8)
4
A-clock low level
Charge Reset (CR) level on A-clock
5
8
10
-5
10
14
0
-5
V
V
V
V
OUTPUT REGISTER CLOCKS:
C-clock amplitude (duty cycle during hor. transport = 3/6)
C-clock low level
Summing Gate (SG) amplitude
Summing Gate (SG) low level
4.75
2
5
3.5
10
3.5
5.25
10
V
V
V
V
OTHER CLOCKS:
Reset Gate (RG) amplitude
Reset Gate (RG) low level
Charge Reset (CR) pulse on Nsub
5
5
0
10
3
10
10
10
V
V
V
ABSOLUTE MAXIMUM RATINGS
1
MIN.
MAX.
UNIT
GENERAL:
storage temperature
ambient temperature during operation
voltage between any two gates
DC current through any clock phase (absolute value)
OUT current (no short circuit protection)
-55
-40
-20
-0.2
0
+80
+60
+20
+2.0
10
°C
°C
V
µA
mA
VOLTAGES IN RELATION TO VPS:
VNS, SFD, RD
VCS, SFS
all other pins
-0.5
-8
-5
+30
+5
+25
V
V
V
VOLTAGES IN RELATION TO VNS:
SFD, RD
VCS, SFS, VPS
all other pins
-15
-30
-30
+0.5
+0.5
+0.5
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com