Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTF3020-C/TG Datasheet(PDF) 15 Page - NXP Semiconductors

Part # FTF3020-C/TG
Description  Full Frame CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FTF3020-C/TG Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button FTF3020-C/TG Datasheet HTML 8Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 9Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 10Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 11Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 12Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 13Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 14Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 15Page - NXP Semiconductors FTF3020-C/TG Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
1999 November
15
Philips Semiconductors
Product specification
Full Frame CCD Image Sensor
FTF3020-C
Package information
Figure 13 - Mechanical drawing of the PGA package of the FTF3020-C
A is the center of the image area.
Position of A:
26.35 ± 0.15 to left edge of package
20.00 ± 0.15 to upper edge of package
1.7 ± 0.15 to bottom of package
Angle of rotation: less than ± 1°
Sensor flatness: < 20 µm (P-V)
Cover glass: Corning 7059
Thickness of cover glass: 1 ± 0.05
Refractive index: n
d = 1.53
Double sided AR coating < 1% (430-660 nm) reflection
All drawing units are in mm
48.26 ±0.27
Chip - bottom package 1.7 ±0.15
1.4 / 100
COVER GLASS
SENSOR CRYSTAL
Chip - cover glass 1.3 ±0.20
EPOXY GLUE
A
TOP VIEW
INDEX
MARK
PIN 1
52.7 ±0.53
26.35 ±0.15
0.46 ±0.05
(2.54)
STAND-OFF PIN
COVER GLASS
BOTTOM VIEW
Cover glass 1.0 ±0.05
Image sensor chip
Top cover glass to top chip 2.4 ±0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com