Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTF3020-C/IG Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FTF3020-C/IG
Description  Full Frame CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FTF3020-C/IG Datasheet(HTML) 4 Page - NXP Semiconductors

  FTF3020-C/IG Datasheet HTML 1Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 2Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 3Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 4Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 5Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 6Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 7Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 8Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 November
4
Philips Semiconductors
Product specification
Full Frame CCD Image Sensor
FTF3020-C
Figure 2 - Detailed internal structure
A1, A2, A3, A4: clocks of image section
C1, C2, C3: clocks of horizontal registers
SG: summing gate
OG: output gate
RG: reset gate
RD: reset drain
OG
C1
OG
OG
One Pixel
A3
A4
A2
A3
A4
A2
A1
A2
A3
A4
A2
A3
A4
A1
A2
A3
A4
A1
A2
A3
A4
A2
A3
A4
A1
A2
A3
A1
A3
A4
A1
A1
RG
A3
A3
A4
A4
A3
A4
A2
A2
A4
A3
A2
RD
OUT_Y
A2
6 black
lines
3K image
pixels
C1
C1
SG C2
C2
C2
C1
C2
C1
C2 C1
C2
C1
C2
C2
C1
C1
C2
C1
C2
C1
C2
C1
C2
C1 SG OG
C1
C3
C1
C1
C2
C2
C2
C1
C2
C1
C2
C1
2K active
images
lines
6 black
lines
C2
C1
C2
C1
C2
C2
C1
C1
C2
C1
C2
C1
C2
RD
RG
RG
IMAGE
SG
RG
RD
OUT_X
RG
RD
C1 SG
7 dummy pixels
20 black &4 timing
columns
20 black & 4 timing
columns
7 dummy pixels
column
1
column
24 + 1
column
24 + 3K
column
24 +3K +24
OUT_Z
OUT_W
3K x 2K
FF CCD
A1
A1
A1
A1
A1
A1
A1
A1
A1
A1
A1
A1
A1
A1
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com