Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTF3020-C/IG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FTF3020-C/IG
Description  Full Frame CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FTF3020-C/IG Datasheet(HTML) 3 Page - NXP Semiconductors

  FTF3020-C/IG Datasheet HTML 1Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 2Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 3Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 4Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 5Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 6Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 7Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 8Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 November
3
Philips Semiconductors
Product specification
Full Frame CCD Image Sensor
FTF3020-C
Architecture of the FTF3020-C
The optical centres of all pixels in the image section form a square
grid. The charge is generated and integrated in this section. Output
registers are located below and above the image section for read-
out. After the integration time, the image charge is shifted one line
at the time to either the upper or lower register or to both
simultaneously, depending on the read-out mode. The left and the
right half of each register can be controlled independently. This
enables either single or multiple read-out. During vertical transport,
the C3 gates separate the pixels in the register. The central C3 gates
of the lower and upper registers are part of the left half of the sensor
(W and Z quadrants respectively). Each register can be used for
vertical binning. Each register contains a summing gate at both ends
that can be used for horizontal binning (see figure 2).
OUTPUT REGISTERS
Output buffers on each corner
Number of registers
Number of dummy cells per register
Number of register cells per register
Output register horizontal transport clock pins
Capacity of each C-clock phase
Overlap capacity between neighbouring C-clocks
Output register Summing Gates
Capacity of each SG
Reset Gate clock phases
Capacity of each RG
Three-stage source follower
2
14 (2x7)
3134 (3120+14)
6 pins per register (C1..C3)
200 pF per pin
40pF
4 pins (SG)
15pF
4 pins (RG)
15pF
IMAGE SECTION
Image diagonal (active video only)
Aspect ratio
Active image width x height
Pixel width x height
Geometric fill factor
Image clock pins
Capacity of each clock phase
Number of active lines
Number of black reference lines
Number of dummy black lines
Total number of lines
Number of active pixels per line
Number of overscan (timing) pixels per line
Number of black reference pixels per line
Total number of pixels per line
44.30 mm
3:2
36.864 x 24.576 mm
2
12x12 µm
2
80%
16 pins (A1..A4)
7.5nF per pin
2048
4 (=2x2)
8 (=2x4)
2060
3072
8 (2x4)
40 (2x20)
3120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com