Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTF3020-C/IG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # FTF3020-C/IG
Description  Full Frame CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FTF3020-C/IG Datasheet(HTML) 2 Page - NXP Semiconductors

  FTF3020-C/IG Datasheet HTML 1Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 2Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 3Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 4Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 5Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 6Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 7Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 8Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 November
2
Philips Semiconductors
Product specification
Full Frame CCD Image Sensor
FTF3020-C
•
35mm film compatible image format (36 x 24 mm2)
•
6M active pixels (3072H x 2048V)
•
RGB Bayer pattern
•
Progressive scan
•
Excellent anti-blooming
•
Variable electronic shuttering
•
Square pixel structure
•
H and V binning
•
80% optical fill factor
•
High linear dynamic range (>72dB)
•
High sensitivity
•
Low dark current and fixed-pattern noise
•
Low read-out noise
•
Data rate up to 36 MHz
•
Mirrored, split and four quadrant read-out
•
Perfectly matched to visual spectrum
Description
The FTF3020-C is a full frame CCD colour image sensor designed
for professional digital photography applications, with very low dark
current and a linear dynamic range of over 12 true bits at room
temperature.The four low-noise output amplifiers, one at each corner
of the chip, make the FTF3020-C suitable for a wide range of high-
end visual light applications.With one output amplifier, a progressively
scanned image can be read out at 5 frames per second. By using
multiple outputs the frame rate increases accordingly. The device
structure is shown in figure 1.
Device structure
Optical size:
36.864 mm (H) x 24.576 mm (V)
Chip size:
39.148 mm (H) x 26.508 mm (V)
Pixel size:
12 µm x 12 µm
Active pixels:
3072 (H) x 2048 (V)
Total no. of pixels:
3120 (H) x 2060 (V)
Optical black pixels:
Left: 20 Right: 20
Timing pixels:
Left: 4
Right: 4
Dummy register cells:
Left: 7
Right: 7
Optical black lines:
Bottom: 6
Top: 6
Figure 1 - Device structure
Image Area
3072 active pixels
2048
active
lines
20
20
6 black lines
6 black lines
2060
lines
4
4
77
3120 cells
Output amplifier
Output register
3134 cells
GB G B
GB G B
RG R G
GB G B
GB G B
RG R G
GB G B
RG R G
GB G B
RG R G
Z
Y
W
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com