Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ960SN Datasheet(PDF) 4 Page - O2Micro International Limited.

Part # OZ960SN
Description  Intelligent CCFL Inverter Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  O2MICRO [O2Micro International Limited.]
Direct Link  http://www.o2micro.com/
Logo O2MICRO - O2Micro International Limited.

OZ960SN Datasheet(HTML) 4 Page - O2Micro International Limited.

  OZ960SN Datasheet HTML 1Page - O2Micro International Limited. OZ960SN Datasheet HTML 2Page - O2Micro International Limited. OZ960SN Datasheet HTML 3Page - O2Micro International Limited. OZ960SN Datasheet HTML 4Page - O2Micro International Limited. OZ960SN Datasheet HTML 5Page - O2Micro International Limited. OZ960SN Datasheet HTML 6Page - O2Micro International Limited. OZ960SN Datasheet HTML 7Page - O2Micro International Limited. OZ960SN Datasheet HTML 8Page - O2Micro International Limited. OZ960SN Datasheet HTML 9Page - O2Micro International Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
OZ960
OZ960-DS-1.6
Page 4
PIN DESCRIPTION
Names
Pin No.
I/O
Description
CTIMR
1
I
Capacitor for CCFL ignition duration
OVP
2
I
Output voltage sense Vth=2.0V
ENA
3
I
Enable input; TTL signal is applicable
SST
4
I
Soft-start capacitor
VDDA
5
I
Voltage source for the IC
GNDA
6
I
Analog signal ground reference
REF
7
O
Reference voltage output; 2.5V typical
RT1
8
I
Resistor for programming ignition frequency
FB
9
I
CCFL current feedback signal
CMP
10
O
Compensation output of the current error amplifier
NDR_D
11
O
NMOSFET drive output
PDR_C
12
O
PMOSFET drive output
LPWM
13
O
Low-frequency PWM signal for burst-mode dimming control
DIM
14
I
Input analog signal for burst-mode dimming control
LCT
15
I
Triangular wave for burst-mode dimming; frequency
PGND
16
I
Power ground reference
RT
17
I
Timing resistor set operating frequency
CT
18
I
Timing capacitor set operating frequency
PDR_A
19
O
PMOSFET drive output
NDR_B
20
O
NMOSFET drive output
ABSOLUTE MAXIMUM RATINGS WITH
RESPECT TO INPUT POWER SOURCE
RETURN REFERENCE
VDDA
7.0V
(1)
GNDA, PGND
+/- 0.3V
Logic inputs
-0.3V to VDD +0.3V
OZ960
OZ960
I
Operating temp.
0
oC to 70oC
-40
oC to 85oC
Operating junction temp.
150
oC
Storage temp.
-55
oC to 150 oC
RECOMMENDED OPERATING RANGE
VDDA
4.7V ~ 5.5V
Fosc
30 KHz to 150 KHz
Rosc
50 k to 150 k
Note
(1)
: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed.
The device should not be operated at these limits. The “Functional Specifications” table will define the conditions for
actual device operation. Exposure to absolute maximum rated conditions for extended periods may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com