Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ960SN Datasheet(PDF) 5 Page - O2Micro International Limited.

Part # OZ960SN
Description  Intelligent CCFL Inverter Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  O2MICRO [O2Micro International Limited.]
Direct Link  http://www.o2micro.com/
Logo O2MICRO - O2Micro International Limited.

OZ960SN Datasheet(HTML) 5 Page - O2Micro International Limited.

  OZ960SN Datasheet HTML 1Page - O2Micro International Limited. OZ960SN Datasheet HTML 2Page - O2Micro International Limited. OZ960SN Datasheet HTML 3Page - O2Micro International Limited. OZ960SN Datasheet HTML 4Page - O2Micro International Limited. OZ960SN Datasheet HTML 5Page - O2Micro International Limited. OZ960SN Datasheet HTML 6Page - O2Micro International Limited. OZ960SN Datasheet HTML 7Page - O2Micro International Limited. OZ960SN Datasheet HTML 8Page - O2Micro International Limited. OZ960SN Datasheet HTML 9Page - O2Micro International Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
OZ960
OZ960-DS-1.6
Page 5
FUNCTIONAL SPECIFICATIONS
Parameter
Symbol
Test Conditions
Limits
Unit
VDDA=5V; Tamb = 25
oC
Min
Typ
Max
Reference Voltage
Nominal voltage
Vref
Iload = 0.1mA
2.37
2.5
2.63
V
Line regulation
VDDA = 4.7V – 5.3V
-
4
-
mV/V
Load regulation
Iload = 0.025 mA to 0.25 mA
-
2
-
mV/mA
High Frequency Oscillator
Initial accuracy
fosc
CT = 100pF, RT = 120k
(1)
5
53
3
57
60
KHz
Ramp peak
-
3.0
-
V
Ramp valley
-
1.0
-
V
Temp. stability
TA = 0
oC to 70oC
-
200
-
ppm/
oC
Low Frequency Oscillator
Initial accuracy
See Table 1, page 6
Ramp peak
2.85
3.0
3.15
V
Ramp valley
0.94
1.0
1.06
V
Low Frequency PWM
Duty Cycle Range
0
-
100
%
Error Amplifier
Input offset voltage
-
7
-
mV
Input voltage range
0
-
VDD-1.5V
V
Offset current at FB pin
-
-
100
nA
Reference voltage at non-
inverting input pin (internal)
VADJ
1.19
1.25
1.31
V
Open loop voltage gain
-
80
-
dB
Unity gain bandwidth
-
1.0
-
MHz
Power supply rejection
-
60
-
dB
Threshold
Over Voltage Protection
1.90
2
2.15
V
Supply
Supply current
IOFF
ENA = low
-
150
200
µA
Supply current
ION
ENA = high; VDDA = 5V;
Vdim = 2V; LPWM = 50k
(2)
Ca=Cb=Cc=Cd=2nF
(3)
HF = 60kHz; LF = 185Hz
-
4.4
5.5
mA
SST current
See Table 1, page 6
CTIMR current
See Table 1, page 6
NDR-PDR Output
Output resistance
Rp
Current source
-
27
-
Ω
Output resistance
Rn
Current sink
-
14
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com