Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ960SN Datasheet(PDF) 1 Page - O2Micro International Limited.

Part # OZ960SN
Description  Intelligent CCFL Inverter Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  O2MICRO [O2Micro International Limited.]
Direct Link  http://www.o2micro.com/
Logo O2MICRO - O2Micro International Limited.

OZ960SN Datasheet(HTML) 1 Page - O2Micro International Limited.

  OZ960SN Datasheet HTML 1Page - O2Micro International Limited. OZ960SN Datasheet HTML 2Page - O2Micro International Limited. OZ960SN Datasheet HTML 3Page - O2Micro International Limited. OZ960SN Datasheet HTML 4Page - O2Micro International Limited. OZ960SN Datasheet HTML 5Page - O2Micro International Limited. OZ960SN Datasheet HTML 6Page - O2Micro International Limited. OZ960SN Datasheet HTML 7Page - O2Micro International Limited. OZ960SN Datasheet HTML 8Page - O2Micro International Limited. OZ960SN Datasheet HTML 9Page - O2Micro International Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
OZ960
10/23/01
OZ960-DS-1.6
Page 1
Copyright 2000 - 01 by O
2Micro
All Rights Reserved
U.S. Patent #6,259,615
Intelligent CCFL Inverter Controller
FEATURES
•
Supports
wide-range
voltage
input
applications (8v to 20v)
•
Built-in intelligence to manage ignition and
normal operation of CCFLs
•
Reduces the number of components and
board
size
by
30%
compared
with
conventional designs
•
85% efficiency vs. typical 70% efficiency of
conventional designs
•
Zero-voltage-switching full bridge topology
•
Built-in internal open-lamp and over-voltage
protections
•
Integrated burst mode control, and wide
dimming
range
(10%
to
100%)
with
integrated burst mode control
•
Supports multiple CCFL lamps
•
Simple and reliable 2-winding transformer
design
•
Constant-frequency
design
eliminates
interference with LCDs
•
Low stand-by power
ORDERING INFORMATION
OZ960S - 20-pin plastic SSOP 150mil
OZ960IS - 20-pin plastic SSOP 150mil
OZ960G - 20-pin plastic SOP 300mil
OZ960IG - 20-pin plastic SOP 300mil
OZ960D - 20-pin plastic DIP 300mil
OZ960ID - 20-pin plastic DIP 300mil
GENERAL DESCRIPTION
The OZ960 is a unique, high-efficiency, Cold
Cathode Fluorescent Lamp (CCFL) backlight
inverter controller that is designed for wide input
voltage inverter applications. Additionally, the
OZ960 performs the lamp dimming function with
an analog voltage or low frequency Pulse Width
Modulation (PWM) control.
Operating Principle:
Operating in a zero-voltage switching, full-bridge
configuration, the inverter circuit achieves a very
high efficiency power conversion. In addition, the
transformer in the OZ960 does not require any
specific gap-less arrangement. The simple, low
cost transformer provides designers a high
degree
of
design
flexibility
in
specifying
transformers. Setting the switching frequency
higher than the resonant frequency of a high-
quality-factor resonant tank circuit yields a good-
quality waveform received, at the CCFL voltage
and current.
The OZ960 operates at a single, constant
frequency in a phase-shift PWM mode. Intelligent
open-lamp and over-voltage protections provide
design
flexibility
so
various
transformer
models/manufacturers may be used. The built-in
burst mode control provides a wide dimming
range
and
simplifies
the
application
circuit
designs.
Both
operating
and
burst-mode
frequencies are user-programmable parameters.
The single stage design results in a low cost,
reliable
transformer
without
expensive,
less
reliable
secondary
fold-back
treatment.
The
transformer does not require a more expensive
center tapped primary.
The OZ960 is available in a 20-pin SSOP
package. It is specified over the commercial
temperature range of 0
°C to +70°C, and the
industrial temperature range of -40
°C to +85°C.
FUNCTIONAL BLOCK
DIAGRAM
Refer to the functional block diagram in Figure 2,
page 3, and the Pin Description Table on page 4.
A precision reference provides a reference
voltage for both internal and external uses. An
oscillator circuit generates a user-programmable
operating frequency with an external capacitor
and a timing resistor. In addition, another resistor
to program striking frequency is provided. The
drive circuit consists of four outputs. These are
designed to achieve zero-voltage switching, full-
bridge applications. An error amplifier is provided
to regulate the CCFL current. The Soft-start
circuit offers a gradual increase of the power to
the CCFL during the ignition period. The over-
voltage
protection
block
offers
a
regulated
striking voltage for CCFLs. The striking time is
programmable
simply
through
an
external
component.
The
open-lamp
protection
is
integrated in the protection block. This block
intelligently differentiates the striking condition
and open-lamp condition. ENA circuitry enables
the operation of the IC through a TTL signal
interface.
Wide-dimming control is achieved
through the burst-mode control block.


Similar Part No. - OZ960SN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ960S ETC1-OZ960S Datasheet
244Kb / 12P
Intelligent CCFL Inverter Controller
More results

Similar Description - OZ960SN

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
AC2-12-1049 ACIPOWER-AC2-12-1049 Datasheet
152Kb / 1P
CCFL INVERTER
AC2-A1-1576 ACIPOWER-AC2-A1-1576 Datasheet
1Mb / 2P
CCFL INVERTER
AC3-12-1772 ACIPOWER-AC3-12-1772 Datasheet
1Mb / 2P
CCFL INVERTER
AC5-12-1017 ACIPOWER-AC5-12-1017 Datasheet
172Kb / 1P
CCFL INVERTER
AC5-12-1077 ACIPOWER-AC5-12-1077 Datasheet
165Kb / 1P
CCFL INVERTER
AC5-12-1156 ACIPOWER-AC5-12-1156 Datasheet
102Kb / 1P
CCFL INVERTER
AC5-12-1164 ACIPOWER-AC5-12-1164 Datasheet
168Kb / 1P
CCFL INVERTER
AC5-12-1357 ACIPOWER-AC5-12-1357 Datasheet
92Kb / 1P
CCFL INVERTER
logo
List of Unclassifed Man...
OZ960 ETC1-OZ960 Datasheet
244Kb / 12P
Intelligent CCFL Inverter Controller
OZ9936 ETC1-OZ9936 Datasheet
181Kb / 11P
OZ9936 / LCD Monitor CCFL Inverter Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com