Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC084CD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC084CD
Description  FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC084CD Datasheet(HTML) 5 Page - Texas Instruments

  TLC084CD Datasheet HTML 1Page - Texas Instruments TLC084CD Datasheet HTML 2Page - Texas Instruments TLC084CD Datasheet HTML 3Page - Texas Instruments TLC084CD Datasheet HTML 4Page - Texas Instruments TLC084CD Datasheet HTML 5Page - Texas Instruments TLC084CD Datasheet HTML 6Page - Texas Instruments TLC084CD Datasheet HTML 7Page - Texas Instruments TLC084CD Datasheet HTML 8Page - Texas Instruments TLC084CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS254E − JUNE 1999 − REVISED APRIL 2006
5
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLC080/1/2/3,
25
°C
390
1900
VIO
Input offset voltage
VDD = 5 V,
TLC080/1/2/3,
TLC084/5
Full range
3000
V
VIO
Input offset voltage
VDD = 5 V,
VIC = 2.5 V,
TLC080/1/2/3A,
25
°C
390
1400
µV
VIC = 2.5 V,
VO = 2.5 V,
RS = 50 Ω
TLC080/1/2/3A,
TLC084/5A
Full range
2000
VIO
Temperature coefficient of input
O
RS = 50 Ω
1.2
V/
°C
αVIO
Temperature coefficient of input
offset voltage
1.2
µV/°C
25
°C
1.9
50
IIO
Input offset current
VDD = 5 V,
TLC08XC
Full range
100
pA
IIO
Input offset current
VDD = 5 V,
VIC = 2.5 V,
TLC08XI
Full range
700
pA
VIC = 2.5 V,
VO = 2.5 V,
R
= 50
Ω
25
°C
3
50
IIB
Input bias current
VO = 2.5 V,
RS = 50 Ω
TLC08XC
Full range
100
pA
IIB
Input bias current
TLC08XI
Full range
700
pA
VICR
Common-mode input voltage
RS = 50 Ω
25
°C
0
to
3.0
0
to
3.5
V
VICR
Common-mode input voltage
RS = 50 Ω
Full range
0
to
3.0
0
to
3.5
V
IOH = − 1 mA
25
°C
4.1
4.3
IOH = − 1 mA
Full range
3.9
IOH = − 20 mA
25
°C
3.7
4
IOH = − 20 mA
Full range
3.5
VOH
High-level output voltage
VIC = 2.5 V
IOH = − 35 mA
25
°C
3.4
3.8
V
VOH
High-level output voltage
VIC = 2.5 V
IOH = − 35 mA
Full range
3.2
V
25
°C
3.2
3.6
IOH = − 50 mA
−40
°C to
85
°C
3
IOL = 1 mA
25
°C
0.18
0.25
IOL = 1 mA
Full range
0.35
IOL = 20 mA
25
°C
0.35
0.39
IOL = 20 mA
Full range
0.45
VOL
Low-level output voltage
VIC = 2.5 V
IOL = 35 mA
25
°C
0.43
0.55
V
VOL
Low-level output voltage
VIC = 2.5 V
IOL = 35 mA
Full range
0.7
V
25
°C
0.45
0.63
IOL = 50 mA
−40
°C to
85
°C
0.7
IOS
Short-circuit output current
Sourcing
25
°C
100
mA
IOS
Short-circuit output current
Sinking
25
°C
100
mA
IO
Output current
VOH = 1.5 V from positive rail
25
°C
57
mA
IO
Output current
VOL = 0.5 V from negative rail
25
°C
55
mA
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com