Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC084CD Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC084CD
Description  FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC084CD Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC084CD Datasheet HTML 13Page - Texas Instruments TLC084CD Datasheet HTML 14Page - Texas Instruments TLC084CD Datasheet HTML 15Page - Texas Instruments TLC084CD Datasheet HTML 16Page - Texas Instruments TLC084CD Datasheet HTML 17Page - Texas Instruments TLC084CD Datasheet HTML 18Page - Texas Instruments TLC084CD Datasheet HTML 19Page - Texas Instruments TLC084CD Datasheet HTML 20Page - Texas Instruments TLC084CD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS254E − JUNE 1999 − REVISED APRIL 2006
17
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 43
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
1020
304050
6070
80
−2
−4
2
6
t - Time -
µs
0
−6
4
Shutdown Pulse
SD Off
VDD = 5 V
CL= 8 pF
TA = 25°C
IDD RL = 600 Ω
IDD RL = 10 kΩ
SHUTDOWN PULSE
Figure 44
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
1020
304050
6070
80
−2
−4
2
6
t - Time -
µs
0
−6
4
Shutdown Pulse
SD Off
VDD = 12 V
CL= 8 pF
TA = 25°C
IDD RL = 600 Ω
IDD RL = 10 kΩ
SHUTDOWN PULSE
PARAMETER MEASUREMENT INFORMATION
_
+
Rnull
RL
CL
Figure 45
APPLICATION INFORMATION
input offset voltage null circuit
The TLC080 and TLC081 has an input offset nulling function. Refer to Figure 46 for the diagram.
N1
100 k
Ω
N2
R1
VDD −
OUT
IN −
IN +
NOTE A: R1 = 5.6 k
Ω for offset voltage adjustment of ±10 mV.
R1 = 20 k
Ω for offset voltage adjustment of ±3 mV.
Figure 46. Input Offset Voltage Null Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com