Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC084CD Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC084CD
Description  FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC084CD Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC084CD Datasheet HTML 12Page - Texas Instruments TLC084CD Datasheet HTML 13Page - Texas Instruments TLC084CD Datasheet HTML 14Page - Texas Instruments TLC084CD Datasheet HTML 15Page - Texas Instruments TLC084CD Datasheet HTML 16Page - Texas Instruments TLC084CD Datasheet HTML 17Page - Texas Instruments TLC084CD Datasheet HTML 18Page - Texas Instruments TLC084CD Datasheet HTML 19Page - Texas Instruments TLC084CD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS254E − JUNE 1999 − REVISED APRIL 2006
16
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 34
t − Time −
µs
0
0.2 0.4 0.6 0.8
1
1.2
LARGE SIGNAL INVERTING
PULSE RESPONSE
1.4 1.6 1.8
2
VI (2 V/div)
VO (500 mV/Div)
VDD = 5 V
RL = 600 Ω
and 10 k
Ω
CL = 8 pF
TA = 25°C
Figure 35
t − Time −
µs
0
0.2 0.4 0.6 0.8
1
1.2
LARGE SIGNAL INVERTING
PULSE RESPONSE
1.4 1.6 1.8
2
VI (5 V/div)
VO (2 V/Div)
VDD = 12 V
RL = 600 Ω
and 10 k
Ω
CL = 8 pF
TA = 25°C
Figure 36
t − Time −
µs
0
0.1 0.2 0.3 0.4 0.5 0.6
SMALL SIGNAL INVERTING
PULSE RESPONSE
0.7 0.8 0.9
1
VI (100 mV/div)
VO (50 mV/Div)
VDD = 5 V and 12 V
RL = 600 Ω and 10 kΩ
CL = 8 pF
TA = 25°C
Figure 37
20
40
60
80
100
120
140
SHUTDOWN FORWARD
ISOLATION
vs
FREQUENCY
f - Frequency - Hz
100k
1M
10M
10k
100
1k
100M
VDD = 5 V
CL= 0 pF
TA = 25°C
VI(PP) = 0.1, 2.5, and 5 V
RL = 600 Ω
RL = 10 kΩ
Figure 38
20
40
60
80
100
120
140
SHUTDOWN FORWARD
ISOLATION
vs
FREQUENCY
f - Frequency - Hz
100k
1M
10M
10k
100
1k
100M
VDD = 12 V
CL= 0 pF
TA = 25°C
VI(PP) = 0.1, 8, 12 V
RL = 600 Ω
RL = 10 kΩ
Figure 39
20
40
60
80
100
120
140
SHUTDOWN REVERSE
ISOLATION
vs
FREQUENCY
f - Frequency - Hz
100k
1M
10M
10k
100
1k
100M
RL = 600 Ω
RL = 10 kΩ
VDD = 5 V
CL= 0 pF
TA = 25°C
VI(PP) = 0.1, 2.5, and 5 V
Figure 40
20
40
60
80
100
120
140
SHUTDOWN REVERSE
ISOLATION
vs
FREQUENCY
f - Frequency - Hz
100k
1M
10M
10k
100
1k
100M
VDD = 12 V
CL= 0 pF
TA = 25°C
VI(PP) = 0.1, 8, 12 V
RL = 600 Ω
RL = 10 kΩ
Figure 41
118
120
122
124
126
128
130
132
134
136
456789 10 11 12 13 14 15 16
SHUTDOWN SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD - Supply Voltage - V
Shutdown On
RL = open
VIN = VDD/2
Figure 42
60
80
100
120
140
160
180
−55
−25
5
35
65
95
125
SHUTDOWN SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
VDD = 12 V
AV = 1
VIN = VDD/2
VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com