Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV342IDE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV342IDE4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV342IDE4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV342IDE4 Datasheet HTML 1Page - Texas Instruments TLV342IDE4 Datasheet HTML 2Page - Texas Instruments TLV342IDE4 Datasheet HTML 3Page - Texas Instruments TLV342IDE4 Datasheet HTML 4Page - Texas Instruments TLV342IDE4 Datasheet HTML 5Page - Texas Instruments TLV342IDE4 Datasheet HTML 6Page - Texas Instruments TLV342IDE4 Datasheet HTML 7Page - Texas Instruments TLV342IDE4 Datasheet HTML 8Page - Texas Instruments TLV342IDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TLV341, TLV342, TLV342S, TLV344
LOW VOLTAGE RAILTORAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, V+ = 1.8 V, GND = 0, VIC = VO = V+/2, RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP†
MAX
UNIT
Standard grade
25
°C
0.3
4
Standard grade
Full range
4.5
VIO
Input offset voltage
25
°C
0.3
1.25
mV
VIO
Input offset voltage
A grade
0
°C to 125°C
0.3
1.5
mV
A grade
−40
°C to 125°C
0.3
1.7
a
V
IO
Average temperature coefficient
of input offset voltage
Full range
1.9
mV/°C
25
°C
1
100
IIB
Input bias current
−40
°C to 85°C
375
pA
IIB
Input bias current
−40
°C to 125°C
3000
pA
IIO
Input offset current
25
°C
6.6
fA
CMRR
Common-mode rejection ratio
0
≤ VICR ≤ 1.2 V
25
°C
60
85
dB
CMRR
Common-mode rejection ratio
0
≤ VICR ≤ 1.2 V
Full range
50
dB
kSVR
Supply-voltage rejection ratio
1.8 V
≤ V+ ≤ 5 V
25
°C
75
95
dB
kSVR
Supply-voltage rejection ratio
1.8 V
≤ V+ ≤ 5 V
Full range
65
dB
VICR
Common-mode
input voltage range
CMRR
≥ 60 dB
25
°C
0
1.2
V
RL = 10 kΩ to 1.35 V
25
°C
70
110
AV
Large-signal voltage gain
RL = 10 kΩ to 1.35 V
Full range
60
dB
AV
Large-signal voltage gain
(see Note 5)
RL = 2 kΩ to 1.35 V
25
°C
65
100
dB
(see Note 5)
RL = 2 kΩ to 1.35 V
Full range
55
Low level
25
°C
22
50
RL = 2 kΩ to 0.9 V
Low level
Full range
75
RL = 2 kΩ to 0.9 V
High level
25
°C
25
50
VO
Output swing
High level
Full range
75
mV
VO
Output swing
(delta from supply rails)
Low level
25
°C
14
20
mV
(delta from supply rails)
RL = 10 kΩ to 0.9 V
Low level
Full range
25
RL = 10 kΩ to 0.9 V
High level
25
°C
7
20
High level
Full range
25
ICC
Supply current (per channel)
25
°C
70
150
A
ICC
Supply current (per channel)
Full range
200
mA
IOS
Output short-circuit current
Sourcing
25
°C
6
12
mA
IOS
Output short-circuit current
Sinking
25
°C
10
20
mA
SR
Slew rate
RL = 10 kΩ, Note 6
25
°C
0.9
V/
ms
GBW
Unity-gain bandwidth
RL = 100 kΩ, CL = 200 pF
25
°C
2.2
MHz
Fm
Phase margin
RL = 100 kΩ, CL = 20 pF
25
°C
55
°
Gm
Gain margin
RL = 100 kΩ, CL = 20 pF
25
°C
15
dB
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
33
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.001
pA/
√Hz
THD
Total harmonic distortion
f = 1 kHz, AV = 1, RL = 600 Ω,
VI = 1 VPP
25
°C
0.015
%
† Typical values represent the most likely parametric norm.
NOTES:
5. GND + 0.2 V
≤ VO ≤ VCC+ − 0.2 V
6. Connected as voltage follower with 1.1-VPP step input. Number specified is the slower of the positive and negative slew rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com