Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV342IDE4 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV342IDE4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV342IDE4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV342IDE4 Datasheet HTML 12Page - Texas Instruments TLV342IDE4 Datasheet HTML 13Page - Texas Instruments TLV342IDE4 Datasheet HTML 14Page - Texas Instruments TLV342IDE4 Datasheet HTML 15Page - Texas Instruments TLV342IDE4 Datasheet HTML 16Page - Texas Instruments TLV342IDE4 Datasheet HTML 17Page - Texas Instruments TLV342IDE4 Datasheet HTML 18Page - Texas Instruments TLV342IDE4 Datasheet HTML 19Page - Texas Instruments TLV342IDE4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TLV341, TLV342, TLV342S, TLV344
LOW VOLTAGE RAILTORAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
SMALL-SIGNAL NONINVERTING RESPONSE
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
Input
TA = −40°C
RL = 2 kΩ
V+/GND = ±2.5 V
Output
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
4
µs/div"
Figure 25
LARGE-SIGNAL NONINVERTING RESPONSE
−6
−5
−4
−3
−2
−1
0
2
1
Input
Output
TA = −40°C
RL = 2 kΩ
V+/GND = ±2.5 V
−2
−1
0
1
2
3
4
5
6
4
µs/div"
Figure 26
SMALL-SIGNAL NONINVERTING RESPONSE
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
Input
TA = 25°C
RL = 2 kΩ
V+/GND = ±2.5 V
Output
Figure 27
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
4
µs/div"
LARGE-SIGNAL NONINVERTING RESPONSE
−6
−5
−4
−3
−2
−1
0
2
1
Input
Output
TA = 25°C
RL = 2 kΩ
V+/GND = ±2.5 V
−2
−1
0
1
2
3
4
5
6
4
µs/div"
Figure 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com