Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV342IDE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV342IDE4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV342IDE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV342IDE4 Datasheet HTML 4Page - Texas Instruments TLV342IDE4 Datasheet HTML 5Page - Texas Instruments TLV342IDE4 Datasheet HTML 6Page - Texas Instruments TLV342IDE4 Datasheet HTML 7Page - Texas Instruments TLV342IDE4 Datasheet HTML 8Page - Texas Instruments TLV342IDE4 Datasheet HTML 9Page - Texas Instruments TLV342IDE4 Datasheet HTML 10Page - Texas Instruments TLV342IDE4 Datasheet HTML 11Page - Texas Instruments TLV342IDE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TLV341, TLV342, TLV342S, TLV344
LOW VOLTAGE RAILTORAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
shutdown characteristics, V+ = 5 V, GND = 0, VIC = VO = V+/2, RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ICC(SHDN)
Supply current in shutdown mode
VSD = 0 V
25
°C
0.01
1
A
ICC(SHDN)
Supply current in shutdown mode
(per channel)
VSD = 0 V
Full range
1.5
mA
t(on)
Amplifier turn-on time
25
°C
5
ms
VSD
Shutdown pin voltage range
ON mode
25
°C
4.5
5
V
VSD
Shutdown pin voltage range
Shutdown mode
25
°C
0
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com