Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3133 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF3133
Description  15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF3133 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button REF3133 Datasheet HTML 3Page - Burr-Brown (TI) REF3133 Datasheet HTML 4Page - Burr-Brown (TI) REF3133 Datasheet HTML 5Page - Burr-Brown (TI) REF3133 Datasheet HTML 6Page - Burr-Brown (TI) REF3133 Datasheet HTML 7Page - Burr-Brown (TI) REF3133 Datasheet HTML 8Page - Burr-Brown (TI) REF3133 Datasheet HTML 9Page - Burr-Brown (TI) REF3133 Datasheet HTML 10Page - Burr-Brown (TI) REF3133 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
REF3112, 3120, 3125, 3130, 3133, 3140
7
SBVS046C
www.ti.com
THEORY OF OPERATION
The REF31xx is a family of series, CMOS, precision bandgap
voltage references. The basic bandgap topology is shown in
Figure 1. Transistors Q1 and Q2 are biased such that the
current density of Q1 is greater than that of Q2. The difference
of the two base-emitter voltages, Vbe1 – Vbe2, has a positive
temperature coefficient and is forced across resistor R1. This
voltage is gained up and added to the base-emitter voltage
of Q2, which has a negative temperature coefficient. The
resulting output voltage is virtually independent of temperature.
100
µA, and the maximum quiescent current over temperature
is just 135
µA. The quiescent current typically changes less
than 2
µA over the entire supply range, as shown in Figure 3.
1
3
REF31xx
2
0.47
µF
V
IN
V
OUT
FIGURE 1. Simplified Schematic of Bandgap Reference.
FIGURE 2. Typical Connections for Operating REF31xx.
FIGURE 3. Supply Current vs Supply Voltage.
R
1
Q
2
Q
1 IN
+
Vbe
1
–
+
Vbe
2
–
V
BANDGAP
APPLICATION INFORMATION
The REF31xx does not require a load capacitor and is stable
with any capacitive load. Figure 2 shows typical connections
required for operation of the REF31xx. A supply bypass
capacitor of 0.47
µF is recommended.
SUPPLY VOLTAGE
The REF31xx family of references features an extremely low
dropout voltage. With the exception of the REF3112, which
has a minimum supply requirement of 1.8V, these references
can be operated with a supply of only 5mV above the output
voltage in an unloaded condition. For loaded conditions, a
typical dropout voltage versus load is shown in the typical
curves.
The REF31xx features a low quiescent current, which is
extremely stable over changes in both temperature and
supply. The typical room temperature quiescent current is
Supply voltages below the specified levels can cause the
REF31xx to momentarily draw currents greater than the
typical quiescent current. This can be prevented by using a
power supply with a fast rising edge and low output impedance.
THERMAL HYSTERESIS
Thermal hysteresis for the REF31xx is defined as the change
in output voltage after operating the device at 25
°C, cycling
the device through the specified temperature range, and
returning to 25
°C. It can be expressed as:
V
abs V
V
V
ppm
HYST
PRE
POST
NOM
=
 •
(
)
–
10
6
Where: VHYST = Thermal hysteresis
VPRE = Output voltage measured at 25°C pre-
temperature cycling
VPOST = Output voltage measured after the device
has been cycled through the specified temperature
range of –40
°C to +125°C and returned to 25°C.
TEMPERATURE DRIFT
The REF31xx is designed to exhibit minimal drift error, defined
as the change in output voltage over varying temperature. The
drift is calculated using the “box” method which is described by
the following equation:
VV
V
TemperatureRange
ppm
OUTMAX
OUTMIN
OUT
–
•
•


10
6
The REF31xx features a typical drift coefficient of 5ppm from
0
°C to 70°C—the primary temperature range for many
applications. For the industrial temperature range of –40
°C to
125
°C, the REF31xx family drift increases to a typical value of
10ppm.
QUIESCENT CURRENT vs POWER SUPPLY
100.5
100.0
99.5
99.0
98.5
98.0
1.5
Power Supply (V)
2.5
3.5
4.5
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com