Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3133 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF3133
Description  15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF3133 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  REF3133 Datasheet HTML 1Page - Burr-Brown (TI) REF3133 Datasheet HTML 2Page - Burr-Brown (TI) REF3133 Datasheet HTML 3Page - Burr-Brown (TI) REF3133 Datasheet HTML 4Page - Burr-Brown (TI) REF3133 Datasheet HTML 5Page - Burr-Brown (TI) REF3133 Datasheet HTML 6Page - Burr-Brown (TI) REF3133 Datasheet HTML 7Page - Burr-Brown (TI) REF3133 Datasheet HTML 8Page - Burr-Brown (TI) REF3133 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
REF3112
REF3120
REF3125
REF3130
REF3133
REF3140
SBVS046C – DECEMBER 2003 – REVISED FEBRUARY 2006
www.ti.com
DESCRIPTION
The REF31xx is a family of precision, low power, low dropout,
series voltage references available in the tiny SOT23-3 pack-
age.
The REF31xx’s small size and low power consumption
(100
µA typ) make it ideal for portable and battery-powered
applications. The REF31xx does not require a load capacitor,
but is stable with any capacitive load and can sink/source up
to 10mA of output current.
Unloaded, the REF31xx can be operated on supplies down
to 5mV above the output voltage. All models are specified for
the wide temperature range of –40
°C to +125°C.
FEATURES
q MicroSIZE PACKAGE: SOT23-3
q LOW DROPOUT: 5mV
q HIGH OUTPUT CURRENT:
±10mA
q HIGH ACCURACY: 0.2% max
q LOW I
Q: 115µA max
q EXCELLENT SPECIFIED DRIFT PERFORMANCE:
15ppm/
°C (max) from 0°C to +70°C
20ppm/
°C (max) from –40°C to +125°C
Copyright © 2003-2006, Texas Instruments Incorporated
15ppm/
°C Max, 100µA, SOT23-3
SERIES VOLTAGE REFERENCE
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q PORTABLE, BATTERY-POWERED EQUIPMENT
q DATA ACQUISITION SYSTEMS
q MEDICAL EQUIPMENT
q HAND-HELD TEST EQUIPMENT
PRODUCT
VOLTAGE (V)
REF3112
1.25
REF3120
2.048
REF3125
2.5
REF3130
3.0
REF3133
3.3
REF3140
4.096
1
IN
2
OUT
3
GND
REF3112
REF3120
REF3125
REF3130
REF3133
REF3140
SOT23-3
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.


Similar Part No. - REF3133

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3133 BURR-BROWN-REF3133 Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3133 TI2-REF3133 Datasheet
1Mb / 26P
REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
REVISED MARCH 2016
REF3133-Q1 TI1-REF3133-Q1 Datasheet
573Kb / 23P
15 ppm Maximum, 100-uA, SOT-23 Series Voltage Reference
logo
Burr-Brown (TI)
REF3133AIDBZR BURR-BROWN-REF3133AIDBZR Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3133AIDBZR TI2-REF3133AIDBZR Datasheet
1Mb / 26P
REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
REVISED MARCH 2016
More results

Similar Description - REF3133

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6520 MAXIM-MAX6520 Datasheet
83Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
logo
Texas Instruments
REF3012 TI-REF3012 Datasheet
309Kb / 13P
50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3125 BURR-BROWN-REF3125 Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3212 TI-REF3212 Datasheet
263Kb / 14P
4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF3012 BURR-BROWN-REF3012 Datasheet
412Kb / 14P
50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF3212 BURR-BROWN-REF3212 Datasheet
311Kb / 15P
4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
logo
Texas Instruments
REF3012 TI-REF3012_15 Datasheet
622Kb / 17P
50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6520 MAXIM-MAX6520_V01 Datasheet
328Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com