Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3133 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF3133
Description  15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF3133 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button REF3133 Datasheet HTML 4Page - Burr-Brown (TI) REF3133 Datasheet HTML 5Page - Burr-Brown (TI) REF3133 Datasheet HTML 6Page - Burr-Brown (TI) REF3133 Datasheet HTML 7Page - Burr-Brown (TI) REF3133 Datasheet HTML 8Page - Burr-Brown (TI) REF3133 Datasheet HTML 9Page - Burr-Brown (TI) REF3133 Datasheet HTML 10Page - Burr-Brown (TI) REF3133 Datasheet HTML 11Page - Burr-Brown (TI) REF3133 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
REF3112, 3120, 3125, 3130, 3133, 3140
8
SBVS046C
www.ti.com
NOISE PERFORMANCE
Typical 0.1Hz to 10Hz voltage noise can be seen in the
Typical Characteristic Curve,
0.1 to 10Hz Voltage Noise. The
noise voltage of the REF31xx increases with output voltage
and operating temperature. Additional filtering may be used
to improve output noise levels, although care should be
taken to ensure the output impedance does not degrade the
AC performance.
LONG-TERM STABILITY
Long-term stability refers to the change of the output voltage
of a reference over a period of months or years. This effect
lessens as time progresses, as is shown by the long-term
stability curves. The typical drift value for the REF31xx is
70ppm from 0-1000 hours. This parameter is characterized
by measuring 30 units at regular intervals for a period of 1000
hours.
LOAD REGULATION
Load regulation is defined as the change in output voltage
due to changes in load current. The load regulation of the
REF31xx is measured using force and sense contacts as
pictured in Figure 4. The force and sense lines reduce the
impact of contact and trace resistance, resulting in accurate
measurement of the load regulation contributed solely by the
REF31xx. For applications requiring improved load regula-
tion, force and sense lines should be used.
Output Pin
Meter
V
OUT
+
–
Sense Line
Force Line
Load
I
L
Contact and
Trace Resistance
FIGURE 4. Accurate Load Regulation of REF31xx.
APPLICATION CIRCUITS
Negative Reference Voltage
For applications requiring a negative and positive reference
voltage, the REF31xx and OPA703 can be used to provide
a dual supply reference from a
±5V supply. Figure 5 shows
the REF3125 used to provide a
±2.5V supply reference
voltage. The low drift performance of the REF31xx
complement the low offset voltage and low drift of the
OPA703 to provide an accurate solution for split-supply
applications.
OPA703
REF3125
+5V
–5V
+5V
10k
Ω
10k
Ω
+2.5V
–2.5V
FIGURE 5. REF3125 Combined with OPA703 to Create
Positive and Negative Reference Voltages.
DATA ACQUISITION
Data acquisition systems often require stable voltage
references to maintain accuracy. The REF31xx family features
stability and a wide range of voltages suitable for most micro-
controllers and data converters. Figure 6, Figure 7, and
Figure 8 show basic data acquisition systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com