Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSR8266 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TLSR8266
Description  Telink BLE series SoC unlocks the full potential for Bluetooth low energy applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TLSR8266 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TLSR8266 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLSR8266 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLSR8266 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Target Applications
-
Smartphone accessories
-
Remote Control and 3D glasses
-
Wireless Microphone
-
Health monitoring
-
Sports and fitness tracking
-
Wearable devices
-
PC and tablet peripherals, including Mouse / Keyboard
Key Features
-
General features
32bit high performance MCU, up to 48MHz
Program memory: external 128/256/512kB FLASH (TLSR8266) or internal 512kB
Flash (TLSR8266F512) or internal 128kB Flash (TLSR8266F128) or internal 1024kB
Flash (TLSR8266F1K)
Data memory: 16kB on-chip SRAM
12M/16MHz&32.768kHz Crystal and 32kHz/32MHz embedded RC oscillator
A rich set of I/Os:
 TLSR8266: Up to 41/37/22 GPIOs depending on package option
 TLSR8266F512: Up to 35/20 GPIOs depending on package option
 TLSR8266F128: Up to 12 GPIOs
 TLSR8266F1K: Up to 20 GPIOs
 DMIC (Digital Mic), AMIC (Analog Mic), Mono-channel Audio output
 SPI, I2C, USB, UART with hardware flow control, Debug Interface
Up to 6 channels of PWM
Sensor: 14bit ADC with PGA, Temperature sensor
Three quadrature decoders
Embeds hardware AES
Compatible with USB2.0 Full speed mode
TLSR8266 & TLSR8266F512 operating temperature range:
 ET versions: -40℃~+85℃
 AT versions: -40℃~+125℃
TLSR8266F128 & TLSR8266F1K operating temperature range: -40℃~+85℃
TLSR8266 Package:
 TLSR8266ET56/TLSR8266AT56, 56-pin QFN 7×7mm
 TLSR8266ET48/TLSR8266AT48, 48-pin QFN 7×7mm
 TLSR8266ET32/TLSR8266AT32, 32-pin QFN 5×5mm
TLSR8266F512 Package:
 TLSR8266F512ET48/TLSR8266F512AT48, 48-pin QFN 7×7mm
 TLSR8266F512ET32/TLSR8266F512AT32, 32-pin QFN 5×5mm
TLSR8266F128 Package: TLSR8266F128ET24, 24-pin QFN 4×4mm
TLSR8266F1K
Package: TLSR8266F1KET32, 32-pin QFN 5×5mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com