Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSR8266 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLSR8266
Description  Telink BLE series SoC unlocks the full potential for Bluetooth low energy applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TLSR8266 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLSR8266 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLSR8266 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLSR8266 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TLSR8266/TLSR8266F512/TLSR8266F128
/TLSR8266F1K
Telink BLE series SoC unlocks the full potential for
Bluetooth low energy applications
Product Brief
General Description
The TLSR8266/TLSR8266F512/TLSR8266F128/TLSR8266F1K is Telink-developed BLE SoC
solution which is fully standard compliant and allows easy connectivity with Bluetooth Smart
Ready mobile phones, tablets, laptops. Telink BLE SoC supports BLE slave and master mode
operation, including broadcast, encryption, connection updates, and channel map updates.
It is RoHS-compliant and 100% lead (Pb)-free.
The TLSR8266/TLSR8266F512/TLSR8266F128/TLSR8266F1K is designed to offer high
integration, ultra-low power application capabilities. It integrates strong 32-bit MCU,
BLE/2.4GHz Radio, 16kB SRAM, 128/256/512kB external FLASH (TLSR8266) or 512kB internal
Flash (TLSR8266F512) or 128kB internal Flash (TLSR8266F128) or 1024kB internal Flash
(TLSR8266F1K), 14bit ADC with PGA, 6-channel PWM, three quadrature decoders, a
hardware keyboard scanner (Keyscan), abundant GPIO interfaces, multi-stage power
management module and nearly all the peripherals needed for Bluetooth Low Energy
applications development.
32bit MCU
12M/16MHz
Crystal Oscillator
32.768kHz
Crystal Oscillator
32MHz RC
Oscillator
32kHz RC
Oscillator
CLOCK
DMIC
AMIC
I2C
SPI
UART
USB
Interface
BLE/2.4GHz
Radio
AES Encryption
&Decryption
Keyboard
Scanner
3 Qu ad rature
Decoders
6-Chan nel
PWM
16kB SRAM
128/256/512/
1024kB flash
14bit ADC
Analog PGA
Timer0~
Timer2/
Watchdog
32kHz
LTIMER
System
Timer
POWER MANAGEMENT
RESET
POW ER-ON
RESET
LDO
DCDC
POW ER
Management
Con troller
BROWN
OUT
GPIO
SWM/SWS


Similar Part No. - TLSR8266

ManufacturerPart #DatasheetDescription
logo
Telink
TLSR8208AER TELINK-TLSR8208AER Datasheet
4Mb / 157P
Datasheet for Telink Bluetooth LE SoC TLSR8208
Ver 1.0.4
TLSR8208BER TELINK-TLSR8208BER Datasheet
4Mb / 157P
Datasheet for Telink Bluetooth LE SoC TLSR8208
Ver 1.0.4
TLSR8208CER TELINK-TLSR8208CER Datasheet
4Mb / 157P
Datasheet for Telink Bluetooth LE SoC TLSR8208
Ver 1.0.4
TLSR8208DEE TELINK-TLSR8208DEE Datasheet
4Mb / 157P
Datasheet for Telink Bluetooth LE SoC TLSR8208
Ver 1.0.4
TLSR8208EER TELINK-TLSR8208EER Datasheet
3Mb / 155P
Datasheet for Telink Bluetooth LE SoC TLSR8208V2
Ver 1.0.5
More results

Similar Description - TLSR8266

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
Single-Chip Bluetooth Low Energy-Only SoC
logo
Microchip Technology
IS1870 MICROCHIP-IS1870 Datasheet
2Mb / 44P
Bluetooth짰 Low Energy (BLE) SoC
07/14/15
logo
Cypress Semiconductor
CYW20732Y CYPRESS-CYW20732Y Datasheet
2Mb / 26P
Bluetooth Low-Energy (BLE)-compliant
CYW20732A0 CYPRESS-CYW20732A0 Datasheet
2Mb / 35P
Bluetooth Low-Energy (BLE)-compliant
logo
Laird Tech Smart Techno...
BL600-SA LSTD-BL600-SA Datasheet
2Mb / 50P
Single Mode Bluetooth Low Energy (BLE) Module
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
List of Unclassifed Man...
BC832 ETC-BC832 Datasheet
953Kb / 20P
Bluetooth Low Energy (BLE) 5 Micro Module BC832
Ver 2.0 June 2017
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com