Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSR8266 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TLSR8266
Description  Telink BLE series SoC unlocks the full potential for Bluetooth low energy applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TLSR8266 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TLSR8266 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLSR8266 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLSR8266 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
-
RF features
BLE/2.4GHz RF transceiver, working in worldwide 2.4GHz ISM band
Bluetooth 4.2 Compliant, 1Mbps and 2.4GHz 2Mbps Boost Mode
Rx Sensitivity: -92dBm @ 1Mbps mode
Tx output power: +7dBm
Single-pin antenna interface
RSSI monitoring
-
Features of power management module
Embedded LDO.
Battery monitor: Supports low battery detection.
Chip power supply: 1.9V~3.6V (with external flash), 2.7V~3.6V (with internal flash)
Multiple stage power management to minimize power consumption
 Receiver mode current: 13mA
 Transmitter mode current: 13mA @ 0dBm power, 19mA @ max power
 Suspend mode current: 20uA (IO wakeup)/22uA (Timer wakeup)
 Deep sleep mode current: 0.7uA
-
TLSR8266F512/TLSR8266F128/TLSR8266F1K Flash features
Total 512kB (TLSR8266F512) / 128kB (TLSR8266F128) / 1024kB (TLSR8266F1K)
Flexible architecture: 4kB per Sector, 64kB/32kB per block
Up to 256 Bytes per programmable page
Write protect all or portions of memory
Sector erase (4kB), Block erase (32kB/64kB)
100,000 program/erases, 20-year data retention (typical)
Development tools
A full set of development tools for the BLE SoC are provided, which include EVB, reference
design and SDK for customers to perform evaluation, quick application prototyping and
firmware development.
Company Profile
Telink Semiconductor provides highly integrated radio-frequency and mixed-signal
System-On-Chip (SoC) solutions for a variety of communication and control application
markets including consumer electronics, medical instruments, industrial control, home
automation, smart energy, and etc.
For further information on the technology, product and business term, please contact Telink
Semiconductor Company.
Website:
www.telink-semi.com
Tel:
021 2028 1118
Email:
telinkcnsales@telink-semi.com, telinkcnsupport@telink-semi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com