Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCR606J Datasheet(PDF) 3 Page - Kcd Korea Semiconductor

Part # PCR606J
Description  Sensitive Gate Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KCD [Kcd Korea Semiconductor]
Direct Link  
Logo KCD - Kcd Korea Semiconductor

PCR606J Datasheet(HTML) 3 Page - Kcd Korea Semiconductor

  PCR606J Datasheet HTML 1Page - Kcd Korea Semiconductor PCR606J Datasheet HTML 2Page - Kcd Korea Semiconductor PCR606J Datasheet HTML 3Page - Kcd Korea Semiconductor PCR606J Datasheet HTML 4Page - Kcd Korea Semiconductor PCR606J Datasheet HTML 5Page - Kcd Korea Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-50
0
50
100
150
0.1
1
10
Junction Temperature[
oC]
10
-2
10
-1
10
0
10
1
10
2
10
3
10
0
10
1
10
2
10
3
R
θ (J-C)
Time (sec)
0.5
1.0
1.5
2.0
2.5
10
-1
10
0
10
1
125
oC
25
oC
On-State Voltage [V]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
20
40
60
80
100
120
140
θ = 180
o
Average On-State Current [A]
10
0
10
1
10
2
10
3
10
4
10
-1
10
0
10
1
V
GD(0.2V)
P
G(AV)(0.1W)
P
GM(2W)
V
GM(5V)
25
oC
Gate Current [mA]
P
CR606J
Fig 2. Maximum Case Temperature
θ : Conduction Angle
360°
θ
2
ππ
Fig 3. Typical Forward Voltage
Fig 4. Thermal Response
Fig 5. Typical Gate Trigger Voltage vs.
Junction Temperature
Fig 6. Typical Gate Trigger Current vs.
Junction Temperature
Fig 1. Gate Characteristics
-50
0
50
100
150
0.1
1
10
Junction Temperature[
o
C]
3/5
Wed: http://www.kcd.net.cn
Email:kcd@kcd.net.cn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com