Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCR606J Datasheet(PDF) 4 Page - Kcd Korea Semiconductor

Part # PCR606J
Description  Sensitive Gate Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KCD [Kcd Korea Semiconductor]
Direct Link  
Logo KCD - Kcd Korea Semiconductor

PCR606J Datasheet(HTML) 4 Page - Kcd Korea Semiconductor

  PCR606J Datasheet HTML 1Page - Kcd Korea Semiconductor PCR606J Datasheet HTML 2Page - Kcd Korea Semiconductor PCR606J Datasheet HTML 3Page - Kcd Korea Semiconductor PCR606J Datasheet HTML 4Page - Kcd Korea Semiconductor PCR606J Datasheet HTML 5Page - Kcd Korea Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
θ = 180
o
θ = 120
o
θ = 90
o
θ = 60
o
θ = 30
o
Average On-State Current [A]
-50
0
50
100
150
0.1
1
10
Junction Temperature[
oC]
P
CR606J
Fig 7. Typical Holding Current
Fig 8. Power Dissipation
4/5
Wed: http://www.kcd.net.cn
Email:kcd@kcd.net.cn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com