Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NET2270 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 28Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 29Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 30Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 31Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 32Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 33Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 34Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 35Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
32
5.6.2 Control Write Transfer Details
For control write transfers, the host first sends 8 bytes of setup information. The setup bytes are stored into an 8-
byte register bank that can be accessed by the local CPU. After the eight bytes have been stored into the setup
registers, the Setup Packet Interrupt bit is set. The local CPU then reads the 8-byte setup packet and prepares to
respond to the optional Data transactions. The number of bytes to be transferred in the Data transactions is specified
in the setup packet. When the setup packet is received, the Control Status Phase Handshake bit is automatically set
in anticipation of the control status phase. While this bit is set, the control status phase will be acknowledged with a
NAK, allowing the local CPU to prepare its handshake response (ACK or STALL). Once the Control Status Phase
Handshake bit is cleared and the OUT buffer is empty, the ACK or STALL handshake will be returned to the host.
Waiting for the OUT FIFO to become empty prevents another Control Write from corrupting the current packet data
in the FIFO.
During a control write operation, optional Data transactions can follow the Setup transaction. The Data Out Token
Interrupt bit is set at the beginning of each Data transaction. The bytes corresponding to the Data transaction are
stored into the Endpoint 0 packet buffer. If the buffer fills up and another byte is transferred from the host, the
NET2270 will return a NAK handshake to the host, signaling that the data could not be accepted.
If a packet is not successfully received (NAK or Timeout status), the Data Packet Received Interrupt bit will not be
set, and the data will be automatically flushed from the buffer. The host will re-send the same packet again. This
process is transparent to the local CPU.
If the local CPU has stalled this endpoint by setting the Endpoint Halt bit, the NET2270 will not store any data into
the buffer, and will respond with a STALL acknowledge to the host. There will not be a Status transaction in this
case.
The local CPU can either poll the Data Packet Received Interrupt bit, or enable it as an interrupt, and then read the
packet from the buffer when the interrupt occurs. If the host tries to write more data than was indicated in the setup
packet, then the local CPU should set the Endpoint Halt bit for Endpoint 0. In this case there will not be a status
stage from the host.
After all of the optional Data transaction packets have been received, the host will send an IN token, signifying the
Status transaction. The Control Status Interrupt bit is set after the IN token of the Status transaction has been
received. Until the Control Status Phase Handshake bit is cleared by the local CPU and the OUT buffer is empty,
the NET2270 will respond to the Status transaction with NAKs, indicating that the device is still processing the
setup command. When the Control Status Phase Handshake bit has been cleared by the local CPU and the firmware
has emptied the data form the OUT buffer, the NET2270 will respond with a zero length data packet (transfer OK)
or STALL (device had an error).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com