Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NET2270 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 35Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 36Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 37Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 38Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 39Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 40Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 41Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 42Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
39
5.6.5 Interrupt Endpoints
Interrupt endpoints are used for sending or receiving small amounts of data to the host with a bounded service
period.
5.6.5.1 Interrupt Out Transactions
Interrupt Out endpoints are used to transfer data from a USB host to the NET2270 local bus. An interrupt OUT
transaction to an Interrupt OUT endpoint consists of the following:
Stage
Packet Contents
Number of
bytes
Source
OUT Token
OUT PID, address, endpoint, and CRC5
3
Host
Data (1/0)
DATA PID, N data bytes, and CRC16
N+3
Host
Status
ACK, NAK, or STALL
1
NET2270
The behavior of an Interrupt OUT endpoint is the same as a Bulk OUT endpoint, except for the toggle bit. If the
Interrupt Mode bit is cleared, the toggle bit of the Interrupt OUT endpoint is initialized to 0 (DATA0 PID), and
behaves the same as a Bulk OUT endpoint. If the Interrupt Mode bit is set, the toggle bit of the Interrupt OUT
endpoint changes after each data packet is received from the host, without regard to the Status stage. Note that the
PING protocol is not allowed for Interrupt OUT endpoints, as per the USB specification.
5.6.5.2 Interrupt In Endpoints
An Interrupt IN endpoint is polled at a rate which is specified in the endpoint descriptor. An interrupt transaction
from an Interrupt IN endpoint consists of the following:
Stage
Packet Contents
Number of
bytes
Source
IN Token
IN PID, address, endpoint, and CRC5
3
Host
Data (1/0)
DATA PID, N data bytes, and CRC16
N+3
NET2270
Status
ACK
1
Host
The behavior of an Interrupt IN endpoint is the same as a Bulk IN endpoint, except for the toggle bit. If the
Interrupt Mode bit is cleared, the toggle bit of the Interrupt IN endpoint is initialized to 0 (DATA0 PID), and
behaves the same as a Bulk IN endpoint. An interrupt endpoint may be used to communicate rate feedback
information for certain types of isochronous functions. To support this mode, the Interrupt Mode bit is set, and the
toggle bit of the Interrupt IN endpoint changes after each data packet is sent to the host, without regard to the Status
stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com