Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NET2270 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 42Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 43Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 44Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 45Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 46Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 47Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 48Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 49Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
46
In power-sensitive applications, the local CPU can force the NET2270 to enter low-power suspend mode when
disconnected from the USB by writing a 1 to the Suspend Request Interrupt bit. The NET2270 will automatically
wake-up when the peripheral is re-connected (cable plugged in and USB Detect Enable bit set) to the USB. Do not
force suspend mode unless the peripheral is disconnected from the USB. When the NET2270 is connected to the
USB, it is a violation of the USB specification to enter the suspend state unless the upstream port has been idle for
at least 3 milliseconds.
This is the preferred method of suspending the NET2270, since a USB re-connection will automatically cause the
NET2270 to wake-up and set the Resume Interrupt bit.
7.2.2.2 Power-On Standby
The local CPU can prevent the NET2270 from starting its oscillator on power-up by driving a LOW into the CS#
pin while RESET# is asserted (LOW). In this state the NET2270 requires only a small quiescent standby current.
When the peripheral wishes to start the oscillator, it releases the CS# pin and continues to assert RESET# for a
minimum of 2 milliseconds. Note that while the oscillator is stopped, the NET2270 cannot respond to USB
requests, so the oscillator must be allowed to start when the peripheral detects a USB connection event. The local
CPU is responsible for detecting the connection, and ending the standby condition.
This standby technique is appropriate when the device’s power budget does not allow the NET2270 to be active
long enough to shut it down by setting the Suspend Request Interrupt bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com