Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78LXXL-AA3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78LXXL-AA3-R
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXL-AA3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78LXXL-AA3-R Datasheet HTML 1Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 2Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 3Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 4Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 5Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 6Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 7Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 8Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
78LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R101-001.AB
ELECTRICAL CHARACTERISTICS
For UTC78L05
(VIN=10V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
4.90
5.0
5.10
V
7V≤VIN≤20V, IOUT=1mA-40mA
4.85
5.15
V
7V≤VIN≤VMAX, IOUT=1mA-70mA
4.85
5.15 V (note 2)
Load Regulation
VOUT
TJ=25°C, IOUT=1mA-100mA
15
60
mV
TJ=25°C, IOUT=1mA-40mA
8
30
mV
Line regulation
VOUT
7V≤VIN≤20V, TJ=25°C
8
150
mV
8V≤VIN≤20V, TJ=25°C
6
100
mV
Quiescent Current
IQ
VIN=10V, IOUT=0mA, TJ=25°C
2.0
5.5
mA
Quiescent Current Change
IQ
8V≤VIN≤20V
1.5
mA
1mA≤IOUT≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
40
μV
Temperature coefficient of VOUT
VO/T
IOUT=5mA
1.0
mV/°C
Ripple Rejection
RR
8V≤VIN≤20V, f=120Hz, TJ=25°C
60
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L06
(VIN=12V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
5.88
6.0
6.12
V
8.5V≤VIN≤20V, IOUT=1mA-40mA
5.82
6.18
V
8.5V≤VIN≤VMAX, IOUT=1mA-70mA
V(note 2)
Load Regulation
∆VOUT
TJ=25°C, IOUT=1mA-100mA
16
80
mV
TJ=25°C, IOUT=1mA-40mA
9
40
mV
Line regulation
∆VOUT
8.5V≤VIN≤20V, TJ=25°C
10
175
mV
9V≤VIN≤20V, TJ=25°C
8
125
mV
Quiescent Current
IQ
VIN=12V,IOUT=0mA, TJ=25°C
2.0
5.5
mA
Quiescent Current Change
∆IQ
9V≤VIN≤20V
1.5
mA
1mA≤IOUT≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
49
μV
Temperature coefficient of VOUT
∆VO/∆T
IOUT=5mA
1.3
mV/°C
Ripple Rejection
RR
10V≤VIN≤20V, f=120Hz, TJ=25°C
56
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L08
(VIN=14V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
7.84
8.0
8.16
V
10.5V≤VIN≤23V, IOUT=1mA-40mA
7.76
8.24
V
10.5V≤VIN≤VMAX, IOUT=1mA-70mA
7.76
8.24 V(note 2)
Load Regulation
∆VOUT
TJ=25°C, IOUT=1mA-100mA
18
80
mV
TJ=25°C, IOUT=1mA-40mA
10
40
mV
Line regulation
∆VOUT
10.5V≤VIN≤23V, TJ=25°C
12
175
mV
11V≤VIN≤23V, TJ=25°C
10
125
mV
Quiescent Current
IQ
VIN=14V,IOUT=0mA, TJ=25°C
2.0
5.5
mA
Quiescent Current Change
∆IQ
11V≤VIN≤23V
1.5
mA
1mA≤IOUT≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
49
μV
Temperature coefficient of Vo
∆VO/∆T
IOUT=5mA
1.5
mV/
C
Ripple Rejection
RR
11V≤VIN≤23V, f=120Hz, TJ=25°C
52
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com