Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78LXXL-AA3-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # 78LXXL-AA3-R
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXL-AA3-R Datasheet(HTML) 9 Page - Unisonic Technologies

  78LXXL-AA3-R Datasheet HTML 1Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 2Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 3Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 4Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 5Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 6Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 7Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 8Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
78LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R101-001.AB
TYPICAL CHARACTERISTICS (Cont.)
Peak Output Current
vs. Dropout Voltage Difference
Input-output voltage difference(V)
010
20
30
40
100
200
300
400
(TJ=0°C)
Dropout Voltage
025
50
100
1.0
1.5
2.0
2.5
Junction Temperature, TJ (°C)
0.5
DROPOUT CONDITIONS
∆VOUT=2% of VOUT
75
125
(TJ=150°C)
(TJ=25°C)
IOUT=70mA
IOUT=40mA
IOUT=1.0mA
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com