Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78LXXL-AA3-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 78LXXL-AA3-R
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXL-AA3-R Datasheet(HTML) 8 Page - Unisonic Technologies

  78LXXL-AA3-R Datasheet HTML 1Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 2Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 3Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 4Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 5Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 6Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 7Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 8Page - Unisonic Technologies 78LXXL-AA3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
78LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R101-001.AB
TYPICAL CHARACTERISTICS
Output Characteristics
Input Voltage, VIN(V)
0
102030
40
0
10
5
15
20
25
UTC78L12
UTC78L05
Short Circuit output current
UTC78L05 Dropout Characteristics
5
4.1
4.5
6.0
6.5
7.0
input-outputVoltage difference(V)
010
20
30
40
100
200
300
400
500
IOUT=0mA
TJ=25°C
TJ=25°C
Input Voltage, VIN(V)
TJ=25°C
Ambient temperature vs. Power
dissipation
Ambient Temperature, TA(°C)
UTC78L12 Quiescent Current vs.
Output Current
UTC78L05 Quiescent Current vs.
Input Voltage
Output Current, IOUT (mA)
020
80
40
60
100
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
UTC78L12
Input Voltage, VIN(V)
0
10203040
0
1
2
3
4
TJ=25°C
IOUT=0mA
TJ=25°C
50
8.0
50
50
1.8
2.8
5
0
25
50
75
100
125
150
700
600
200
0
500
400
300
100
TO-92
SOT-89
SOP-8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com