Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C100 Datasheet(PDF) 34 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 30Page - SMSC Corporation USB97C100 Datasheet HTML 31Page - SMSC Corporation USB97C100 Datasheet HTML 32Page - SMSC Corporation USB97C100 Datasheet HTML 33Page - SMSC Corporation USB97C100 Datasheet HTML 34Page - SMSC Corporation USB97C100 Datasheet HTML 35Page - SMSC Corporation USB97C100 Datasheet HTML 36Page - SMSC Corporation USB97C100 Datasheet HTML 37Page - SMSC Corporation USB97C100 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
SMSC DS – USB97C100
Page 34
Rev. 01/03/2001
Table 49 - Channel Status Register
CH_STAT
(ISA 0x0008)
CHANNEL STATUS REGISTER
BIT
NAME
R/W
DESCRIPTION
7
CH3RQ
R
Channel 3 DMA Request
0 = No Request Pending
1 = Yes Request Pending
6
CH2RQ
R
Channel 2 DMA Request
0 = No Request Pending
1 = Yes Request Pending
5
CH1RQ
R
Channel 1 DMA Request
0 = No Request Pending
1 = Yes Request Pending
4
CH0RQ
R
Channel 0 DMA Request
0 = No Request Pending
1 = Yes Request Pending
3
CH3TC
R
Channel 3 Terminal Count Reached
0 = No
1 = Yes
2
CH2TC
R
Channel 2 Terminal Count Reached
0 = No
1 = Yes
1
CH1TC
R
Channel 1 Terminal Count Reached
0 = No
1 = Yes
0
CH0TC
R
Channel 0 Terminal Count Reached
0 = No
1 = Yes
Notes:
These bits are also visible outside of I/O space in the BUS_STAT register.
These bits are cleared when this register is read through the ISA I/O Window.
Table 50 - 8237 Command Register
CH_CMD
(ISA 0x0008)
COMMAND REGISTER
BIT
NAME
R/W
DESCRIPTION
7
DACK_SENS
W
DACK Sense
0 = Active High
1 = Active Low
6
DREQ_SENS
W
DREQ Sense (1 = Active Low, 0 = Active High)
5
WRITE_TIME
W
Write Timing Select
0 = Late Timing
1 = Extended
4
PRIORITY
W
Priority
0 = Fixed
1 = Rotating
3
COMP_TIME
W
Timing
0 = Normal
1 = Compressed
2
CTRL_EN
W
Controller Enable
0 = Enable
1 = Disable
1
ADDR_HOLD
W
Channel 0 Address Hold
0 = Disable
1 = Hold Enable
0
MEM2MEM
W
Memory-to-Memory
0 = Disable
1 = Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com